Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT40K05-2AJI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT40K05-2AJI
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K05-2AJI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT40K05-2AJI Datasheet HTML 2Page - ATMEL Corporation AT40K05-2AJI Datasheet HTML 3Page - ATMEL Corporation AT40K05-2AJI Datasheet HTML 4Page - ATMEL Corporation AT40K05-2AJI Datasheet HTML 5Page - ATMEL Corporation AT40K05-2AJI Datasheet HTML 6Page - ATMEL Corporation AT40K05-2AJI Datasheet HTML 7Page - ATMEL Corporation AT40K05-2AJI Datasheet HTML 8Page - ATMEL Corporation AT40K05-2AJI Datasheet HTML 9Page - ATMEL Corporation AT40K05-2AJI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
6
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
The Busing Network
Figure 3 on page 7 depicts one of five identical busing planes. Each plane has three bus
resources: a local-bus resource (the middle bus) and two express-bus (both sides)
resources. Bus resources are connected via repeaters. Each repeater has connections
to two adjacent local-bus segments and two express-bus segments. Each local-bus
segment spans four cells and connects to consecutive repeaters. Each express-bus
segment spans eight cells and “leapfrogs” or bypasses a repeater. Repeaters regener-
ate signals and can connect any bus to any other bus (all pathways are legal) on the
same plane. Although not shown, a local bus can bypass a repeater via a programma-
ble pass gate allowing long on-chip tri-state buses to be created. Local/Local turns are
implemented through pass gates in the cell-bus interface. Express/Express turns are
implemented through separate pass gates distributed throughout the array.
Some of the bus resources on the AT40K/AT40KLV are used as a dual-function
resources. Table 2 shows which buses are used in a dual-function mode and which bus
plane is used. The AT40K/AT40KLV software tools are designed to accommodate dual-
function buses in an efficient manner.
Table 2. Dual-function Buses
Function
Type
Plane(s)
Direction
Comments
Cell Output Enable
Local
5
Horizontal
and Vertical
RAM Output Enable
Express
2
Vertical
Bus full length at array edge
Bus in first column to left of
RAM block
RAM Write Enable
Express
1
Vertical
Bus full length at array edge
Bus in first column to left of
RAM block
RAM Address
Express
1 - 5
Vertical
Buses full length at array edge
Buses in second column to left
of RAM block
RAM Data In
Local
1
Horizontal
Data In connects to local
bus plane 1
RAM Data Out
Local
2
Horizontal
Data out connects to local
bus plane 2
Clocking
Express
4
Vertical
Bus half length at array edge
Set/Reset
Express
5
Vertical
Bus half length at array edge


Similar Part No. - AT40K05-2AJI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05 Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05_14 Datasheet
88Kb / 4P
   Ultra High Performance
More results

Similar Description - AT40K05-2AJI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
   50K gates/D.6ns. Compact and powerful!
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com