Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEOR60C-50120AZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEOR60C-50120AZ
Description  up to 5A | AC-DC / DC-DC LED driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOR60C-50120AZ Datasheet(HTML) 3 Page - AIMTEC

  AMEOR60C-50120AZ Datasheet HTML 1Page - AIMTEC AMEOR60C-50120AZ Datasheet HTML 2Page - AIMTEC AMEOR60C-50120AZ Datasheet HTML 3Page - AIMTEC AMEOR60C-50120AZ Datasheet HTML 4Page - AIMTEC AMEOR60C-50120AZ Datasheet HTML 5Page - AIMTEC AMEOR60C-50120AZ Datasheet HTML 6Page - AIMTEC AMEOR60C-50120AZ Datasheet HTML 7Page - AIMTEC AMEOR60C-50120AZ Datasheet HTML 8Page - AIMTEC AMEOR60C-50120AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Series AMEOR60C-AZ
up to 5A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3.E
3 of 14
North America only
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 2
Electrical Fast Transient / Burst Immunity
IEC 61000-4-4 Level 2
Surge Immunity
IEC 61000-4-5 Level 3
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 2
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 1
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11
Dimensions
NOTE: to adjust the output current connect a 20K Ohm pot between blue and white wire
Wire connection:
Application Circuit
Model Number
Maximum Pot
Value (kΩ)
AMEPR60-50120AZ
26.00
AMEPR60-36170AZ
16.95
AMEPR60-24250AZ
26.10
AMEPR60-12500AZ
34.10
Temperature graph
Wire
Connection
Brown
AC L
Blue
AC N
Green
Ground
Red
+V output
Black
-V Output
Blue (Dimming)
+ Vs dimming
White (Dimming)
-Vs dimming
148.00
(5.83)
Top View
Side View
4.50
(0.18)
4 Mounting Holes-M3
139.00
(5.47)
200.00
(8.00)
200.00
(8.00)
Input/Output Wires are 18 AWG 20cm
AMEPR60-AZ
N
1st LED
+Vout
1
1
-Vout
RED
BLACK
AC
BLUE
L
BROWN
GREEN
BLUE
WHITE
Pot


Similar Part No. - AMEOR60C-50120AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
670Kb / 14P
   Over Temperature Protection
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results

Similar Description - AMEOR60C-50120AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com