Electronic Components Datasheet Search |
|
RGB-1TJCF14 Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
RGB-1TJCF14 Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd. |
9 / 12 page Series KP Miniature Audio/Video Pushbuttons D44 D www.nkkswitches.com 12.0mm Square Cap with RGB LED 15.0mm & 17.4mm Square Caps with RGB LED Terminal Detail (12.7) .500 Dia .500 (12.7) (4.5) .028 Typ Typ .035 (0.7) Dia (0.9) Dia .177 1 .300 1a (7.62) .051 (1.3) Typ .150 (3.81) Typ .060 (1.52) G(-) R(-) B(-) (+) (12.0) Sq .472 (15.0) Sq .591 (17.4) Sq .685 Sq (15.0) .591 (12.7) .500 Typ (1.52) .060 (7.62) .300 (4.5) .177 Typ .024 (0.6) See Terminal Detail (12.7) .500 Dia .500 (12.7) (4.5) .028 Typ Typ .035 (0.7) Dia (0.9) Dia .177 1 .300 1a (7.62) .051 (1.3) Typ .150 (3.81) Typ .060 (1.52) G(-) R(-) B(-) (+) Terminal Detail KP0115ACAKG03RGB-1SJB KP0115ANBKG03RGB-3SJB 17.4mm Cap KP0115ANBKG03RGB-2SJB RGB The electrical specifications shown are determined at a basic temperature of 25°C. LEDs are an integral part of the switch and are not available separately. LED circuit is isolated and requires an external power source. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement Section. Note: For applications that require white illumination, contact factory. Red Green Blue Unit Maximum Forward Current I FM 30 30 30 mA Typical Forward Current I F 20 14 9 mA Forward Voltage V F 2.0 2.9 2.9 V Power Peak Dissipation P D 60 80 80 mW Maximum Reverse Voltage V RM 5 5 5 V Dominant Wavelength λ d 621.5 522.5 472.5 nm Current Reduction Rate Above 25°C ∆ IF 0.50 0.50 0.50 mA/°C Ambient Temperature Range –25 ~ +50 °C Red Green Blue Common Anode (+) RGB Color 15.0mm Cap LED SPECIFICATIONS TYPICAL SWITCH DIMENSIONS ATTENTION ELECTROSTATIC SENSITIVE DEVICES .500 (5.0) .197 .256 (6.5) (1.1) .043 (4.0) (23.0) .906 .157 (11.5) .453 .008 (0.2) .150 (3.81) (6.4) .252 .142 (3.6) (12.7) (0.3) .012 (3.81) (4.5) .177 (1.1) (7.0) .276 .043 (4.0) (23.0) .906 .157 (11.5) .453 (0.2) .008 .150 (6.4) .252 .142 (3.6) (12.7) .500 .012 (0.3) G(-) R(-) B(-) Common Anode (+) (0.5) Typ .020 G(-) R(-) B(-) Common Anode (+) (0.5) Typ .020 (4.5) .177 Sq .591 (15.0) (12.7) .500 .060 (1.52) Typ (7.62) .300 Typ (0.6) .024 See Terminal Detail |
Similar Part No. - RGB-1TJCF14 |
|
Similar Description - RGB-1TJCF14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |