Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT87C5111-3ZSIL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT87C5111-3ZSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-3ZSIL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT87C5111-3ZSIL Datasheet HTML 6Page - ATMEL Corporation AT87C5111-3ZSIL Datasheet HTML 7Page - ATMEL Corporation AT87C5111-3ZSIL Datasheet HTML 8Page - ATMEL Corporation AT87C5111-3ZSIL Datasheet HTML 9Page - ATMEL Corporation AT87C5111-3ZSIL Datasheet HTML 10Page - ATMEL Corporation AT87C5111-3ZSIL Datasheet HTML 11Page - ATMEL Corporation AT87C5111-3ZSIL Datasheet HTML 12Page - ATMEL Corporation AT87C5111-3ZSIL Datasheet HTML 13Page - ATMEL Corporation AT87C5111-3ZSIL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10
AT8xC5111
4190A–8051–11/02
Timer 0: Clock Inputs
The SCLKT0 bit in OSCCON register allows to select Timer 0 Subsidiary clock. This
allows to perform a Real-Time Clock function.
SCLKT0 = 0: Timer 0 uses the standard T0 pin as clock input (Standard mode).
SCLKT0 = 1: Timer 0 uses the special Sub Clock as clock input.
When the subclock input is selected for Timer 0 and the crystal oscillator is selected for
CPU and peripherals, the CKRL prescaler must be set to FF (division factor 2) in order
to assure a proper count on Timer 0.
With an external a 32 kHz oscillator, the timer interrupt can be set from 1/256 to 256
seconds to perform a Real-Time Clock (RTC) function. The power consumption will be
very low as the CPU is in idle mode at 32 kHz most of the time. When more CPU power
is needed, the internal RC oscillator is activated and used by the CPU and the others
peripherals.
Registers
Clock Control Register
The clock control register is used to define the clock system behavior.
Table 2. OSCCON - Clock Control Register (8Fh)
SCLKT0
1
0
CkIdle
: 6
T0 pin
Sub Clock
C/T
1
0
OSCCON
TMOD
Gate
INT0
TR0
Timer 0
Control
765
43210
-----
SCLKT0
OSCBEN
OSCAEN
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.


Similar Part No. - AT87C5111-3ZSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5111 ATMEL-AT87C5111_14 Datasheet
898Kb / 86P
   Programmable I/O Mode Standard C51, Input Only, Push-pull, Open Drain
More results

Similar Description - AT87C5111-3ZSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
logo
NXP Semiconductors
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com