Electronic Components Datasheet Search |
|
RGB-1TJB14 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
RGB-1TJB14 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 12 page Series KP Miniature Audio/Video Pushbuttons D40 D www.nkkswitches.com ACTUATION C Tactile KP01 or KP02 Gold Contacts Straight PC Terminals 100mA @ 12V DC G03 Black only K N Nontactile KP01 or KP02 HOUSING CONTACTS, TERMINALS, & RATING Tactile/Audible KP02 only S Plunger Position ( ) = Momentary Connected Terminals Throw & Switch Schematic Pole Model Normal Down Normal Down Note: Switch terminals “1” & “1a” are actually marked on the switch. SP KP0115A KP0215A OFF (ON) Normally Open 1-1a SPST POLE & CIRCUIT SUPER BRIGHT BICOLOR LED SPECIFICATIONS Amber can be achieved by simultaneous illumination of Red & Green. Purple can be achieved by simultaneous illumination of Amber & Blue. Red Green Amber Blue Unit Minimum Luminous Intensity I V 230 220 204 113 mcd Standard Luminous Intensity I V 290 270 340 188 mcd Maximum Forward Current I FM 30 25 for Amber 25 22 for Amber 30 25 mA Typical Forward Current I F 15 5 20 20 mA Forward Voltage V F 2.0 3.1 2.1 3.2 V Power Peak Dissipation P D 72 88 75 100 mW Maximum Reverse Voltage V RM 5 7 4 4 V Wavelength at Peak Emission λ 620 ~ 630 528 ~ 538 583 ~ 595 464 ~ 476 nm Current Reduction Rate Above 25°C ∆I F 0.40 0.36 0.40 0.33 mA/°C Ambient Temperature Range –25 ~ +50 –25 ~ +50 °C Colors LEDs are an integral part of the switch and are not available separately. LED circuit is isolated and requires an external power source. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. ATTENTION ELECTROSTATIC SENSITIVE DEVICES 6CF 6DG The electrical specifications shown are determined at a basic temperature of 25°C. (+) COM Green or Blue Red or Amber (–) L1 (–) L2 1 (COM) 1a |
Similar Part No. - RGB-1TJB14 |
|
Similar Description - RGB-1TJB14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |