Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NA720 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA720
Description  1U Rackmount Network Appliance Platform with Intel짰 Xeon짰 Processor D-1527
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA720 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA720_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
742
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
1
0
Standard
NA720-RAMI-US
(P/N: E26E7201000
1U rackmount network appliance with Intel® Pentium®
processor D1508, 8 GbE LANs, 2 x 10 GbE SFP+ and 2-pair
LAN Bypass
Optional
5916E552000E
DB9F-RJ-45 1.8M console cable for Cisco
* Specifications and certifications may vary contingent on options.
System
CPU
Intel® Xeon® processor D-1527 (Broadwell-DE)
Intel® Pentium® processor D1508 (default)
Chipset
SoC Integrated
Memory
4 x DDR4-2400 R-DIMM/U-DIMM, not allowed mixing,
up to 128GB non-buffer non-ECC/ECC memory
BIOS
AMI SPI Flash BIOS
Storage
2 x 2.5" SATA HDD
1 x mSATA
Network Interface
8 x 10/100/1000 Mbps Ethernet (Intel® i210)
2 x 10 GbE SFP+
2 x LAN module (optional), max. up to 26 LAN ports
I/O Interface
1 x RS-232 (RJ-type)
2 x USB 3.0
8 x RJ-45 + 2 x SFP+
Other Features
LAN Bypass function through latch relay (two pairs)
Expansion Slot
1 x PCIe x8 (optional)
Watchdog Timer
255 stepping for system reset
8 stepping for LAN Bypass
Power Supply
270 W ATX power supply
280 W 1U redundant power supply (optional)
OS Compatibility
Linux Kernel
Mechanical/ Environmental
Form Factor
1U rackmount
LED
Power, HDD, GPIO programmable, LAN Bypass, Link/Act with
transfer rate
Operating Temp.
0°C ~ +45°C (+32°F ~ +113°F)
Humidity
10% ~ 95% RH, non-condensing
Chassis Material
Steel
Dimensions
44 mm (1.73") (H) x 430 mm (16.93") (W) x 391 mm (15.39") (D)
Weight
8.5 kg (18.74 lb)/9.8 kg (21.61 lb)
Certificates
FCC class A/CE class A
Ordering Information
Packing List
Specifications
1 x SATA cable
1 x Power cord
Dimensions
DDR4
DDR4
DDR4
Redundant Power
0+1
0+1
1+1
1+1
NIC Module
IPMI
TPM
TPM
TPM
LAN Bypass
mSATA
mSATA
mSATA
EN 60950-1
Keypad
Expansion slot
System fans
ATX power/Redundant power
(optional)
LCM
USB 3.0
LAN ports
10G SFP+
LAN modules
Console
Rear view
Front view
NEW
NA720
1U Rackmount Network Appliance Platform with Intel® Xeon® Processor D-1527/
Pentium® Processor D1508 and 10 LANs
Features
Intel® Xeon® processor D-1527/Pentium® processor
D1508 onboard (Broadwell-DE)
Four DDR4-2400 R-DIMM/U-DIMM, up to 128GB memory
Max. up to twenty-four 10/100/1000 Mbps Ethernet ports
and two 10 GbE SFP+ ports
Two expandable LAN modules supporting 1GbE/10GbE/
Fiber/Copper/Bypass (optional)
Supports 1U redundant power supply for optional
Supports IPMI/TPM (onboard) for optional
Suitable for enterprise firewall, network bandwidth
controller and UTM applications
Updated Apr. 11, 2017.


Similar Part No. - NA720_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA720-RAMI-US AXIOMTEK-NA720-RAMI-US Datasheet
290Kb / 1P
   IntelR XeonR processor D-1527/PentiumR processor D1508 onboard (Broadwell-DE)
More results

Similar Description - NA720_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-550 AXIOMTEK-NA-550_17 Datasheet
936Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1155 Socket Intel짰 Xeon짰 E3
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
NA580 AXIOMTEK-NA580_17 Datasheet
252Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
NA590 AXIOMTEK-NA590 Datasheet
306Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1151 Socket
NA570 AXIOMTEK-NA570_17 Datasheet
184Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1150 Socket
logo
Lanner All Rights Reser...
NCA-4012 LANNER-NCA-4012 Datasheet
1Mb / 2P
   1U 19??Rackmount Network Appliance Built with Intel짰 Xeon짰 D-1500 4~16 Cores Processor (Codenamed Broadwell-DE)
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3220 ADVANTECH-FWA-3220 Datasheet
472Kb / 2P
   1U Rackmount Network Appliance based on the Intel짰 Platform for Communications Infrastructure
logo
Lanner All Rights Reser...
NCA-4025 LANNER-NCA-4025 Datasheet
652Kb / 2P
   1U 19??Rackmount Network Appliance with Intel Xeon짰 D-2100 8~16 Cores Processor (Codenamed Skylake-D)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com