Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGB-1SJDG12 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-1SJDG12
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-1SJDG12 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button RGB-1SJDG12 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D43
D
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
12.0mm Square Cap
15.0mm Square Cap
KP0115ACAKG036CF-1SJB
KP0115ANBKG036CF-2SJB
17.4mm Square Cap
KP0115ANBKG036CF-3SJB
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C
(12.0) Sq
.472
(6.5)
.256
(3.6)
.142
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
(11.5)
.453
(1.1)
.043
(6.0)
.236
(23.0)
.906
(5.0)
.197
(6.4)
.252
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
+ 0.5
(0.37) Typ
.015
(15.0) Sq
.591
(7.0)
.276
(3.6)
.142
(11.5)
.453
(4.5)
.177
(23.0)
.906
(6.0)
.236
(1.1)
.043
(6.4)
.252
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
+ 0.5
(0.37) Typ
.015
(17.4) Sq
.685
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
+ 0.5
(0.37) Typ
.015
(11.5)
.453
(1.1)
.043
(6.0)
.236
(23.0)
.906
(4.5)
.177
(7.0)
.276
(3.6)
.142
(6.4)
.252
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
KP0115ANBKG036DG-2SJDG
Bicolor Alternating Legend • 15.0mm Square Cap
(15.0) Sq
.591
(7.0)
.276
(3.6)
.142
(11.5)
.453
(4.5)
.177
(23.0)
.906
(6.0)
.236
(1.1)
.043
(6.4)
.252
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
+ 0.5
(0.37) Typ
.015
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C


Similar Part No. - RGB-1SJDG12

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
RGB-CONTROLLER-101 HB-RGB-CONTROLLER-101 Datasheet
401Kb / 5P
   Damage caused by misuse
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
More results

Similar Description - RGB-1SJDG12

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com