Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGB-3FJCF11 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-3FJCF11
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-3FJCF11 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  RGB-3FJCF11 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJCF11 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJCF11 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJCF11 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJCF11 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJCF11 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJCF11 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJCF11 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJCF11 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D38
D
www.nkkswitches.com
N
Pole & Circuit
15A SPST OFF (ON)
( ) = Momentary
Normally Open Contacts
Contacts & Terminals
G03
Gold Contacts and
Straight PC Terminals;
100mA @ 12V DC
15A
B
G03
K
Housing
K
Black only
Plungers
A
9.2mm Plunger
for 12.0mm Cap
B
11.6mm Plunger for
15.0mm & 17.4mm
Caps
KP
01
Actuation
Travel & Force
01
Stroke: 4.5mm (.177”)
Actuation Force: 1.9N
02
Stroke: 3.5mm (.138”)
Actuation Force: 1.6N
01
C
Tactile
N
Nontactile
02
C
Tactile
N
Nontactile
S
Tactile/Audible
11.6mm Plunger and
15.0mm Sculptured Cap
Clear Lens and White Diffuser
SPST
OFF-Momentary ON Circuit
Normally Open Contacts
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
KP0115ANBKG036CF-2SJB
Super Bright
Red/Green Bicolor LED
Black Housing
Gold Contacts with 100mA Rating
Straight PC Terminals
Nontactile Actuation
TYPICAL SWITCH
ORDERING EXAMPLE


Similar Part No. - RGB-3FJCF11

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
RGB-CONTROLLER-101 HB-RGB-CONTROLLER-101 Datasheet
401Kb / 5P
   Damage caused by misuse
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
More results

Similar Description - RGB-3FJCF11

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com