Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHA4011C-040PJC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AHA4011C-040PJC
Description  10 MBytes/sec Reed-Solomon Error Correction Device
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHA4011C-040PJC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AHA4011C-040PJC Datasheet HTML 3Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 4Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 5Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 6Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 7Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 8Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 9Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 10Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PS4011C-0200
Page 3 of 24
Advanced Hardware Architectures, Inc.
The use of internal buffers is restricted per the
rules defined in Section 2.9 Data Rates and
Latencies.
Maximum delay required for each block of a
given length to pass through the device is fixed, and
does not vary with the location or the number of
errors received. This delay (or latency), expressed
in the number of clocks is discussed in a later
section.
2.2
CORRECTING CAPABILITY AND
POLYNOMIALS
Compared with other codes, RS codes require
relatively few “overhead” check bytes to be added
to the data stream to achieve a high degree of error
detection and correction. Since the AHA4011C
deals with bytes (or symbols) rather than with
individual bits, when a byte is in error it does not
matter how many bits within the byte are corrupted;
it is counted as one error.
The Reed-Solomon code is defined over the
finite field GF(28). The field defining primitive
polynomial is:
P(x) = x8 + x7 + x2 + x + 1
and the generator polynomial, dependent on the
variable R, is given by:
where R
∈ {2, 3, 4, 5,. . . 20} for the AHA4011C.
This polynomial is specified in international
standards, Intelsat IESS 308; RTCA DO-217
Appendix F (Rev D) and the proposed CCITT
SG-18.
For every 2 check bytes, the decoder corrects
either 2 erasures or 1 error. An erasure can be
determined with a parity detector or a signal dropout
detector external to the chip. An erasure is indicated
by the ERASE signal when the erased byte is
clocked in the device.
Correcting “erasures” takes only half as much
of the correction capability of the RS code as it takes
to correct “errors”, since the position information is
already known for “erasures”. The correction ability
of the code is bounded as:
R
≥ # erasures + 2(# errors)
Valid block length (N) is defined by the
relationship:
R + 1
≤ N ≤ 255
where R ranges from 2 to 20.
A complete codeword can therefore range from
a minimum of 3 bytes to a maximum of 255 bytes.
For further discussion on error rate
performance, refer to Section 2.1 Reed-Solomon
(ECC) Module and Error Rate Performance.
Figure 1:
Block Diagram
A typical system block diagram is shown in the
following figure.
Figure 2:
Typical Applications Diagram
Gx
()
x
αi
()
i
120
=
119
R
+
=
DI
INPUT BUFFER
ECC CORE
CONTROL
DO
367x9
OUTPUT BUFFER
256x9
REGISTER
RDYON
RSTN
DSIN
DSON
GND
VDD
CRTN
RDYIN
CLK
RDYIN
REGISTER
ERASE DI[7:0]
CLK
RSTN
DSIN
DSON
RDYON
CRTN
DO[7:0] ERR
VDD
GND
DATA SOURCE
AHA4011C
ECC COPROCESSOR
CHANNEL
1 TO x BITS WIDE
AHA4011C
ECC COPROCESSOR
DATA SINK
SYSTEM
CONTROLLER
SYSTEM
CONTROLLER
A
8
8
8
8
B
C
ENCODER
COMMUNICATIONS
DECODER
BLOCK FORMAT AT:
KDATA PLUS R “DUMMY” BYTES
KDATA PLUS R CHECK BYTES
KDATA BYTES
A
B
C


Similar Part No. - AHA4011C-040PJC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHA4012B ETC-AHA4012B Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006 ETC-AHA4012B-006 Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006PJC ETC-AHA4012B-006PJC Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006PJI ETC-AHA4012B-006PJI Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4013B ETC-AHA4013B Datasheet
232Kb / 28P
   12.5 MBytes/sec Reed-Solomon Error Correction Device
More results

Similar Description - AHA4011C-040PJC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHA4012B-006 ETC-AHA4012B-006 Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4013B ETC-AHA4013B Datasheet
232Kb / 28P
   12.5 MBytes/sec Reed-Solomon Error Correction Device
COIC5130A ETC1-COIC5130A Datasheet
291Kb / 20P
   Programmable Reed-Solomon Error Correction Encoder and Decoder
logo
Actel Corporation
MC-ACT-RSENC-NET ACTEL-MC-ACT-RSENC-NET Datasheet
121Kb / 5P
   Reed-Solomon Encoder
logo
List of Unclassifed Man...
AHA3422 ETC1-AHA3422 Datasheet
191Kb / 4P
   16 MBYTES/SEC LOSSLESS DECOMPRESSOR IC
logo
Applied Micro Circuits ...
CS5920 AMCC-CS5920 Datasheet
2Mb / 160P
   Full 132 Mbytes/sec Transfer Rate
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
logo
List of Unclassifed Man...
AHA3580 ETC1-AHA3580 Datasheet
101Kb / 4P
   80 MBYTES/SEC ALDC DATA COMPRESSION COPROCESSOR IC
AHA3411 ETC1-AHA3411 Datasheet
197Kb / 4P
   33 MBYTES/SEC SIMULTANEOUS COMPRESSOR/DECOMPRESSOR IC
AHA3520 ETC1-AHA3520 Datasheet
160Kb / 4P
   20 MBYTES/SEC ALDC DATA COMPRESSION COPROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com