Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7920BKS-REEL Datasheet(PDF) 2 Page - Analog Devices

Part # AD7920BKS-REEL
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7920BKS-REEL Datasheet(HTML) 2 Page - Analog Devices

  AD7920BKS-REEL Datasheet HTML 1Page - Analog Devices AD7920BKS-REEL Datasheet HTML 2Page - Analog Devices AD7920BKS-REEL Datasheet HTML 3Page - Analog Devices AD7920BKS-REEL Datasheet HTML 4Page - Analog Devices AD7920BKS-REEL Datasheet HTML 5Page - Analog Devices AD7920BKS-REEL Datasheet HTML 6Page - Analog Devices AD7920BKS-REEL Datasheet HTML 7Page - Analog Devices AD7920BKS-REEL Datasheet HTML 8Page - Analog Devices AD7920BKS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. B
–2–
AD7910–SPECIFICATIONS1
(VDD = 2.35 V to 5.25 V, fSCLK = 5 MHz, fSAMPLE = 250 kSPS, TA = TMIN to TMAX, unless
otherwise noted.)
Parameter
A Grade
1, 2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 100 kHz Sine Wave
Signal-to-Noise + Distortion (SINAD)
3
61
dB min
Total Harmonic Distortion (THD)
3
–72
dB max
Peak Harmonic or Spurious Noise (SFDR)
3
–73
dB max
Intermodulation Distortion (IMD)
3
Second-Order Terms
–82
dB typ
fa = 100.73 kHz, fb = 90.7 kHz
Third-Order Terms
–82
dB typ
fa = 100.73 kHz, fb = 90.7 kHz
Aperture Delay
10
ns typ
Aperture Jitter
30
ps typ
Full Power Bandwidth
13.5
MHz typ
@ 3 dB
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
±0.5
LSB max
Differential Nonlinearity
±0.5
LSB max
Guaranteed No Missed Codes to 10 Bits
Offset Error
3, 4
±1LSB max
Gain Error
3, 4
±1LSB max
Total Unadjusted Error (TUE)
3, 4
±1.2
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
V
DC Leakage Current
±0.5
mA max
Input Capacitance
20
pF typ
Track-and-Hold in Track, 6 pF Typ when in Hold
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
Input Current, IIN, SCLK Pin
±0.5
mA max
Typically 10 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
±10
nA typ
Input Capacitance, CIN
5
5
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD – 0.2
V min
ISOURCE = 200
mA, VDD = 2.35 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 200
mA
Floating-State Leakage Current
±1
mA max
Floating-State Output Capacitance
5
5
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
2.8
ms max
14 SCLK Cycles with SCLK at 5 MHz
Track-and-Hold Acquisition Time
3
250
ns max
Throughput Rate
250
kSPS max
POWER REQUIREMENTS
VDD
2.35/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode(Static)
2.5
mA typ
VDD = 4.75 V to 5.25 V, SCLK On or Off
1.2
mA typ
VDD = 2.35 V to 3.6 V, SCLK On or Off
Normal Mode (Operational)
3
mA max
VDD = 4.75 V to 5.25 V, fSAMPLE = 250 kSPS
1.4
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 250 kSPS
Full Power-Down Mode
1
mA max
Typically 50 nA
Power Dissipation
6
Normal Mode (Operational)
15
mW max
VDD = 5 V, fSAMPLE = 250 kSPS
4.2
mW max
VDD = 3 V, fSAMPLE = 250 kSPS
Full Power-Down
5
mW max
VDD = 5 V
3
mW max
VDD = 3 V
NOTES
1Temperature range from –40
∞C to +85∞C.
2Operational from V
DD = 2.0 V, with input high voltage (VINH) 1.8 V min.
3See Terminology section.
4SC70 values guaranteed by characterization.
5Guaranteed by characterization.
6See Power Vs. Throughput Rate section.
Specifications subject to change without notice.


Similar Part No. - AD7920BKS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7920BKS-REEL AD-AD7920BKS-REEL Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BKS-REEL7 AD-AD7920BKS-REEL7 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results

Similar Description - AD7920BKS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com