Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7920BKS-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD7920BKS-REEL
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7920BKS-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7920BKS-REEL Datasheet HTML 6Page - Analog Devices AD7920BKS-REEL Datasheet HTML 7Page - Analog Devices AD7920BKS-REEL Datasheet HTML 8Page - Analog Devices AD7920BKS-REEL Datasheet HTML 9Page - Analog Devices AD7920BKS-REEL Datasheet HTML 10Page - Analog Devices AD7920BKS-REEL Datasheet HTML 11Page - Analog Devices AD7920BKS-REEL Datasheet HTML 12Page - Analog Devices AD7920BKS-REEL Datasheet HTML 13Page - Analog Devices AD7920BKS-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. B
–10–
AD7910/AD7920
CIRCUIT INFORMATION
The AD7910/AD7920 are fast, micropower, 10-bit/12-bit,
single-supply A/D converters, respectively. The parts can be
operated from a 2.35 V to 5.25 V supply. When operated from
either a 5 V supply or a 3 V supply, the AD7910/AD7920 are
capable of throughput rates of 250 kSPS when provided with a
5 MHz clock.
The AD7910/AD7920 provide the user with an on-chip track-
and-hold, A/D converter, and a serial interface housed in a tiny
6-lead SC70 package or 8-lead MSOP package, which offers the
user considerable space saving advantages over alternative solu-
tions. The serial clock input accesses data from the part but also
provides the clock source for the successive-approximation A/D
converter. The analog input range is 0 V to VDD. An external
reference is not required for the ADC and there is no reference
on-chip. The reference for the AD7910/AD7920 is derived from
the power supply and thus gives the widest dynamic input range.
The AD7910/AD7920 also feature a power-down option to
allow power saving between conversions. The power-down feature
is implemented across the standard serial interface, as described
in the Modes of Operation section.
CONVERTER OPERATION
The AD7910/AD7920 is a successive-approximation analog-
to-digital converter based around a charge redistribution DAC.
Figures 4 and 5 show simplified schematics of the ADC.
Figure 4 shows the ADC during its acquisition phase. When
SW2 is closed and SW1 is in position A, the comparator is
held in a balanced condition, and the sampling capacitor
acquires the signal on VIN.
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
COMPARATOR
SW2
SAMPLING
CAPACITOR
ACQUISITION
PHASE
SW1
A
B
AGND
VDD/2
VIN
Figure 4. ADC Acquisition Phase
CODE
1.0
0.4
–0.2
0
1024
512
0.8
0.6
0.2
0
–0.4
–0.6
–0.8
–1.0
1536
2048
2560
3072
3584
4096
VDD = 2.35V
TEMP = 25 C
fSAMPLE = 250kSPS
TPC 5. AD7920 DNL Performance
INPUT FREQUENCY (kHz)
–30
–60
10
1000
100
–10
–20
–40
–50
–70
–80
–90
VDD = 3.6V
RIN = 10k
RIN = 1k
RIN = 130
RIN = 13
RIN = 0
TPC 6. THD vs. Analog Input Frequency for
Various Source Impedances
INPUT FREQUENCY (kHz)
–75
–90
10
1000
100
–65
–70
–80
–85
VDD = 5.25V
VDD = 2.35V
VDD = 2.7V
VDD = 4.75V
VDD = 3.6V
TPC 7. THD vs. Analog Input Frequency for
Various Supply Voltages


Similar Part No. - AD7920BKS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7920BKS-REEL AD-AD7920BKS-REEL Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BKS-REEL7 AD-AD7920BKS-REEL7 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results

Similar Description - AD7920BKS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com