Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520W337M2R5ATE040 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T520W337M2R5ATE040
Description  Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520W337M2R5ATE040 Datasheet(HTML) 1 Page - Kemet Corporation

  T520W337M2R5ATE040 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - a9782291-c989-4213-83ac-d04a2aea9892
KEMET Part Number: T520W337M2R5ATE040
Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40
mOhms, Height Max = 1.5mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
1.4mm +/-0.1mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
X
0.05mm REF
Packaging Specifications
Weight: 222.95 mg
Packaging: T&R, 178mm
Packaging Quantity: 1000
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T520
Description: SMD, Polymer, Molded, Low
Profile/ESR, NonCombustible
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 330 uF
Capacitance Tolerance: 20%
Voltage DC: 2.5 VDC (105C)
Temperature Range: -55/+105C
Dissipation Factor: 10% 120Hz 25C
Failure Rate: N/A
Resistance: 40 mOhms (100kHz 25C)
Current:
2100 mAmps (100kHz 45C),
1470 mAmps (85C), 525 mAmps
(105C)
Leakage Current: 82.5 uA (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T520W337M2R5ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520W337M2R5ATE015 KEMET-T520W337M2R5ATE015 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 15mOhms, 1.5mm
T520W337M2R5ATE025 KEMET-T520W337M2R5ATE025 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25mOhms, Height Max = 1.5mm
More results

Similar Description - T520W337M2R5ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520W337M2R5ATE025 KEMET-T520W337M2R5ATE025 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25mOhms, Height Max = 1.5mm
T520W337M2R5ATE015 KEMET-T520W337M2R5ATE015 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 15mOhms, 1.5mm
T520W107M010ATE040 KEMET-T520W107M010ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
T520W686M010ATE040 KEMET-T520W686M010ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 68 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
T520V337M004ATE040 KEMET-T520V337M004ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.9mm
T520W157M006ATE040 KEMET-T520W157M006ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 150 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 1.5mm
T520W227M2R5ATE025 KEMET-T520W227M2R5ATE025 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25mOhms, Height Max = 1.5mm
T520V337M2R5ATE025 KEMET-T520V337M2R5ATE025 Datasheet
67Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25mOhms, Height Max = 1.9mm
T521W476M020ATE040 KEMET-T521W476M020ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 20 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
T520V227M006ATE040 KEMET-T520V227M006ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.9mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com