Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC50117EXXB7NR Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC50117EXXB7NR
Description  1A Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC50117EXXB7NR Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC50117EXXB7NR Datasheet HTML 1Page - E-CMOS Corporation EC50117EXXB7NR Datasheet HTML 2Page - E-CMOS Corporation EC50117EXXB7NR Datasheet HTML 3Page - E-CMOS Corporation EC50117EXXB7NR Datasheet HTML 4Page - E-CMOS Corporation EC50117EXXB7NR Datasheet HTML 5Page - E-CMOS Corporation EC50117EXXB7NR Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC50117E
1A Positive Voltage Regulators
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
4H14N-Rev. F001
Ordering Information
Part Number
Package
Marking
Marking Information
EC50117EXXB7NR
SOT223-3L
117E-XX
YWLLLLL
1.
117E:Product Code
2.
XX:is the output voltage code
18=1.8V 25=2.5V;33=3.3V;50=5.0V;
AD=ADJ
3.
YW:Manufacturing Date Code
4. LLLLL:Lot No
GENERAL DESCRIPTION
FEATURES
The EC50117E series of high performance low dropout
voltage regulators are designed for applications that
require efficient conversion and fast transient response.
In addition, EC50117E is designed to be stable under
conditions where Cin and Cout are not present.
However, it is recommended to include Cin and
Cout in the system design as this will speed up the
transient response and increase the PSRR rating.
EC50117E is characterized under Junction Temperature
from -40°C to +125°C.
● Low Dropout Performance.
● Low Quiescent Current:2.7mA(Typ.)
● Guaranteed 1A Output Current.
● Wide Input Supply Voltage Range.
● Stable operation without Cin and Cout.
● Over-temperature and Over-current Protection.
● Fixed or Adjustable Output Voltage.
● Available in SOT-223 and TO252 Packages.
● RoHS Compliant
Applications
● Active SCSI Terminators.
● High Efficiency Linear Regulators.
PIN ASSIGNMENT
Package: SOT223-3L
● 5V to 3.3V Linear Regulators
● Motherboard Clock Supplies.


Similar Part No. - EC50117EXXB7NR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC50117C E-CMOS-EC50117C Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
EC50117CXXA4NR E-CMOS-EC50117CXXA4NR Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
EC50117CXXA8NR E-CMOS-EC50117CXXA8NR Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
EC50117CXXB6AR E-CMOS-EC50117CXXB6AR Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
EC50117CXXB6NR E-CMOS-EC50117CXXB6NR Datasheet
1,014Kb / 8P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - EC50117EXXB7NR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117_12 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
logo
Seaward Electronics Inc...
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com