Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFB182G45BG4D268 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LFB182G45BG4D268
Description  LC Balanced Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB182G45BG4D268 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LFB182G45BG4D268_17 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFB182G45BG4D268_17 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of LFB182G45BG4D268 from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=LFB182G45BG4D268
LFB182G45BG4D268
Specifications
Applications
WLAN
Nominal Center Frequency(fo)
2450.00MHz
Bandwidth(BW)
fo±50.00MHz
Insertion Loss in BW I)
2.4dB max. (at
25
)
Insertion Loss in BW II)
2.6dB max. (-40 to
+85
)
Attenuation(Absolute Value) I)
19dB min. at 4800.00 to 5000.00MHz
Attenuation(Absolute Value) II)
24dB min. at 7200.00 to 7500.00MHz
Balance Impedance (Differential)
(Nom.)
Conjugate match to Nordic
nRF24Lxxx
Unbalance Impedance (Nom.)
50Ω
Power Capacity
500mW
Operating Temperature Range
-
40
to
85
L x W (size)
1.60x0.80mm
Thickness(max.)
0.7mm
2 of 2
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/11/06


Similar Part No. - LFB182G45BG4D268_17

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB182G45BG4D268 MURATA1-LFB182G45BG4D268_V01 Datasheet
211Kb / 2P
   Balance Matching BAND PASS FILTER
More results

Similar Description - LFB182G45BG4D268_17

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB182G45BG7D948 MURATA-LFB182G45BG7D948 Datasheet
168Kb / 2P
   LC Balanced Filters
LFB182G45BG5D920 MURATA-LFB182G45BG5D920 Datasheet
168Kb / 2P
   LC Balanced Filters
logo
SAMWHA ELECTRIC
CAL2010 SAMWHA-CAL2010 Datasheet
116Kb / 1P
   LC FILTERS
CFL1608 SAMWHA-CFL1608 Datasheet
119Kb / 1P
   LC FILTERS
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032_17 Datasheet
212Kb / 3P
   LC Filters(BPF)
LFL18829MTCRD627 MURATA-LFL18829MTCRD627 Datasheet
167Kb / 2P
   LC Filters(LPF)
logo
Murata Manufacturing Co...
LFB212G45CG7D227 MURATA1-LFB212G45CG7D227 Datasheet
161Kb / 2P
   LC Filters(BPF)
11/16/2022
logo
Murata Manufacturing Co...
LFL152G45TC1A219 MURATA-LFL152G45TC1A219 Datasheet
201Kb / 3P
   LC Filters(LPF)
LFL182G45TC1A108 MURATA-LFL182G45TC1A108 Datasheet
200Kb / 3P
   LC Filters(LPF)
LFB151G81CD1B945 MURATA-LFB151G81CD1B945 Datasheet
167Kb / 2P
   LC Filters(BPF)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com