Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3283 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3283
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3283 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 3283 Datasheet HTML 3Page - Allegro MicroSystems 3283 Datasheet HTML 4Page - Allegro MicroSystems 3283 Datasheet HTML 5Page - Allegro MicroSystems 3283 Datasheet HTML 6Page - Allegro MicroSystems 3283 Datasheet HTML 7Page - Allegro MicroSystems 3283 Datasheet HTML 8Page - Allegro MicroSystems 3283 Datasheet HTML 9Page - Allegro MicroSystems 3283 Datasheet HTML 10Page - Allegro MicroSystems 3283 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
www.allegromicro.com
7
FUNCTIONAL DESCRIPTION
Chopper-Stabilized Technique. The Hall element can be
considered as a resistor array similar to a Wheatstone bridge. A
large portion of the offset is a result of the mismatching of these
resistors. These devices use a proprietary dynamic offset
cancellation technique, with an internal high-frequency clock to
reduce the residual offset voltage of the Hall element that is
normally caused by device overmolding, temperature dependen-
cies, and thermal stress. The chopper-stabilizing technique
cancels the mismatching of the resistor circuit by changing the
direction of the current flowing through the Hall plate using
CMOS switches and Hall voltage measurement taps, while
maintaing the Hall-voltage signal that is induced by the external
magnetic flux. The signal is then captured by a sample-and-
hold circuit and further processed using low-offset bipolar
circuitry. This technique produces devices that have an
extremely stable quiescent Hall output voltage, are immune to
thermal stress, and have precise recoverability after temperature
cycling. This technique will also slightly degrade the device
output repeatability. A relatively high sampling frequency is
used in order that faster signals can be processed.
More detailed descriptions of the circuit operation can be
found in: Technical Paper STP 97-10, Monolithic Magnetic
Hall Sensor Using Dynamic Quadrature Offset Cancellation
and Technical Paper STP 99-1, Chopper-Stabilized Amplifiers
With A Track-and-Hold Signal Demodulator.
Operation. The output of these devices switches low (turns
on) when a magnetic field perpendicular to the Hall sensor
exceeds the operate point threshold (BOP). After turn-on, the
output is capable of sinking 25 mA and the output voltage is
VOUT(SAT). Note that the device latches; that is, a south pole of
sufficient strength towards the branded surface of the device
will turn the device on; removal of the south pole will leave the
device on. When the magnetic field is reduced below the
release point (BRP), the device output goes high (turns off). The
difference in the magnetic operate and release points is the
hysteresis (Bhys) of the device. This built-in hysteresis allows
clean switching of the output even in the presence of external
mechanical vibration and electrical noise.
Powering up in the absence of a magnetic field (less than
BOP and higher than BRP) will allow an indeterminate output
state. The correct state is warranted after the first excursion
beyond BOP or BRP.
Dwg. EH-012
REG
X
+V
HALL
VOLTAGE
B
+
Dwg. AH-011-2
0
+B
0
FLUX DENSITY
Dwg. GH-034-5
-B
RP
B
VOUT(SAT)
CC
V
OP
B
+V


Similar Part No. - 3283

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3283 ALLEGRO-3283 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
3283 ALLEGRO-3283 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
logo
ASM GmbH
3283 ASM-SENSOR-3283 Datasheet
303Kb / 2P
   CLAMP ON LEAK HiTESTER
logo
Pomona Electronics
3283 POMONA-3283 Datasheet
25Kb / 1P
   Adapter BNC Female To Female
logo
KR Electronics, Inc.
3283 KR-3283 Datasheet
58Kb / 3P
   KR Electronics part number 3283 is a 500 MHz Bandpass filter
More results

Similar Description - 3283

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com