Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-016N002P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-016N002P
Description  16 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016N002P Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-016N002P Datasheet HTML 1Page - Vishay Siliconix LCD-016N002P Datasheet HTML 2Page - Vishay Siliconix LCD-016N002P Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-016N002P
www.vishay.com
Vishay
Revision: 05-Oct-12
2
Document Number: 37302
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DISPLAY CHARACTER ADDRESS CODE
Display Position
123456
789
10
11
12
13
14
15
16
DD RAM Address
00
010203040506
070809
0A
0B
0C
0D
0E
0F
DD RAM Address
40
414243444546
474849
4A
4B
4C
4D
4E
4F
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1
DB7
H/L data bus line
2
DB6
H/L data bus line
3
DB5
H/L data bus line
4
DB4
H/L data bus line
5
DB3
H/L data bus line
6
DB2
H/L data bus line
7
DB1
H/L data bus line
8
DB0
H/L data bus line
9E
H
 L enable signal
10
R/W
H/L read/write signal
11
RS
H/L register select signal
12
V0
Contrast adjustment
13
VSS
Ground
14
VDD
Power supply (+ 5 V)
DIMENSIONS in millimeters
4 x R1.25
85.0 ± 0.5
80.5
71.2
13
14
12
56.21 (AA)
4.4
66.0 (VA)
3
1.5
1.7
1.6
H1 Max.
H2
3.55
2.95
0.6
0.55
0.6
Dot Size
LED - H/L B/L
H1
H2
13.2
8.6
High
2.54
14 x Ø 1.0 PTH
14 x Ø 1.8 PAD
Pin Detail
13
14
12


Similar Part No. - LCD-016N002P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-016N002P VISHAY-LCD-016N002P Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002P VISHAY-LCD-016N002P Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002P VISHAY-LCD-016N002P_V01 Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002P VISHAY-LCD-016N002P_V02 Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
More results

Similar Description - LCD-016N002P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002T VISHAY-LCD-016N002T Datasheet
70Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002O VISHAY-LCD-016N002O_V01 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002L1 VISHAY-LCD-016N002L1_V02 Datasheet
66Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002C VISHAY-LCD-016N002C_V02 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016M002C VISHAY-LCD-016M002C Datasheet
116Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
LCD-016M002M VISHAY-LCD-016M002M Datasheet
117Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com