Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVPRO5002C-CGT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AVPRO5002C-CGT
Description  Dual SCART A/V Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AVPRO5002C-CGT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AVPRO5002C-CGT Datasheet HTML 1Page - List of Unclassifed Manufacturers AVPRO5002C-CGT Datasheet HTML 2Page - List of Unclassifed Manufacturers AVPRO5002C-CGT Datasheet HTML 3Page - List of Unclassifed Manufacturers AVPRO5002C-CGT Datasheet HTML 4Page - List of Unclassifed Manufacturers AVPRO5002C-CGT Datasheet HTML 5Page - List of Unclassifed Manufacturers AVPRO5002C-CGT Datasheet HTML 6Page - List of Unclassifed Manufacturers AVPRO5002C-CGT Datasheet HTML 7Page - List of Unclassifed Manufacturers AVPRO5002C-CGT Datasheet HTML 8Page - List of Unclassifed Manufacturers AVPRO5002C-CGT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AVPro
® 5002C
Dual SCART A/V Switch
2
FUNCTIONAL DESCRIPTION
The 5002C is an audio/video switching device. The
device integrates both audio and video drivers so
that it can directly drive the SCART interface. The
use of a -5 volt supply eliminates the need for AC
coupling capacitors on the audio outputs and the
SCART audio inputs. All programmable functions of
the device are controlled through a standard I
2 C
serial interface and a set of internal registers.
The device will interface to an external video
encoder that provides six video outputs. In addition,
the
5002C
includes
two
programmable
digital
outputs and provides inputs for the TV SCART
audio/video.
SCART VIDEO SWITCHING
The device is designed to accept video signals from
an
auxiliary
SCART
connector,
TV
SCART
connector, and an external video encoder/DAC
device.
The
devices
include
a
set
of
analog
multiplexers that receive video signals from these
sources and allow routing of the signals to the
various video outputs. The video output drivers have
a nominal gain of 2.0 V/V to allow for a series
resistance
of
62
ohms
prior
to
the
75
ohm
termination. A block diagram of the video switching
function is provided in Figure 1. Details of the
register settings are provided in the section titled
“Serial Port Register Tables”.
Figure 1: 5002C Video switching block diagram
Enc_B
Enc_G
Enc_R
Aux_YCout
Aux_B
Aux_G
Aux_YC
TV_B
TV_G
TV_R
TV_YCout
EBLANK
ABLANK
BLANK
Enc_YC
Aux_Cout
Aux_R
Mod_YC
Enc_C
Enc_Y
TV_Fnc
Mux
VGen
Aux_Fnc
Comparator
0V
2V
Mux
Mux
Mux
Mux
Mux
Mux
Mux
Aux_Cin
TV_YCin
Gain
Mux
Enc2_Y
Enc2_C


Similar Part No. - AVPRO5002C-CGT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVPRO5003 TDK-AVPRO5003 Datasheet
125Kb / 17P
   Triple SCART A/V Switch
AVPRO5003-CG TDK-AVPRO5003-CG Datasheet
125Kb / 17P
   Triple SCART A/V Switch
More results

Similar Description - AVPRO5002C-CGT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
5002R TERIDIAN-5002R Datasheet
425Kb / 30P
   Dual SCART A/V Switch
logo
TDK Electronics
AVPRO5003 TDK-AVPRO5003 Datasheet
125Kb / 17P
   Triple SCART A/V Switch
logo
Maxim Integrated Produc...
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com