Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBOX500-510-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # TBOX500-510-FL
Description  Fanless Embedded System with 7th Gen Intel Core i7/i5/i3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

TBOX500-510-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  TBOX500-510-FL Datasheet HTML 1Page - Axiomtek Co., Ltd. TBOX500-510-FL Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
323
* All specifications and photos are subject to change without notice.
Specifications
Standard Color
Silver
Construction
Aluminum extrusion and heavy-duty steel
CPU
7th generation Intel® Core™ i7-7600U 2C @ 2.8 ~ 3.9 GHz
7th generation Intel® Core™ i5-7300U 2C @ 2.6 ~ 3.5 GHz
7th generation Intel® Core™ i3-7100U 2C @ 2.4 GHz
Intel® Celeron® 3965U 2C @ 2.2 GHz
System Memory
2 x DDR4-1866/2133 SO-DIMM, up to 32GB
Chipset
SoC integrated
BIOS
AMI
System I/O Outlets
Rear Side
1 x M12 or Terminal block DC-in (optional)
1 x PoE power-in (optional)
2 x modular IO slot
Front Side
4 x LED indicator
2 x audio (mic-in/line-out)
1 x RJ-45 10/100/1000 Mbps Ethernet
4 x USB 3.0
1 x DVI-I
1 x DB9 serial console or RS-232/422/485
1 x remote switch
1 x reset bottom
Watchdog Timer
255 levels, 0 ~ 255 secs./mins.
Storage
2 x hot swappable, power control 2.5” 7/9.5 mm SATA tray
1 x mSATA
Expansion Interface
3 x full-size PCIe Mini Card slot
2 x SIM card slot
System Indicator
1 x LED indicator for system power
1 x LED indicator for HDD activities
2 x TBD
Power Supply
Power input: 9 ~ 36 VDC, typical: 12/24 VDC (E-Mark)
Power input: 14 ~ 32 VDC, typical: 24 VDC (EN 50155, DNV
2.4)
Power input: 16.8 ~ 137.5 VDC, typical: 24/48/72/96/110
VDC (EN 50155)
Operating Temperature
-40°C ~ +70°C (-40°F ~ +158°F) with W.T. SSD
-25°C ~ +55°C (-13°F ~ +131°F) with W.T. HDD
Humidity
5% ~ 95%, non-condensing
Vibration Endurance
5 Grms w/ SSD (5 ~ 500 Hz, X/Y/Z direction; random)
2 Grms w/ HDD (5 ~ 500 Hz, X/Y/Z direction; random)
Dimensions
321 mm (12.64") (W) x 210.2 mm (8.28") (D) x 75.3 mm (2.96") (H)
Weight
5 kg (11 lb)/6.5 kg (14.33 lb)
tBOX500-510-FL
EN 50155, EN 50121, E-Mark, ISO 7637 and DNV 2.4 certified
and EN 45545-2, IEC 60945 compliant
7th gen Intel® Core™ i7/i5/i3 & Celeron® processors
(Codename: Kaby Lake)
2 optional I/O module slots
2 DDR4-1866/2133 SO-DIMM, up to 32GB
Typical 12/24/110 VDC power input for different power modules,
available with various transportation certificates
Fanless design and suitability for wide operating temperatures
from -40°C to +70°C
Intelligent solution of vehicle power management
2 hot swappable, power control 2.5” SATA trays
3 full-size PCIe Mini Card slots and 2 SIM card sockets
Features
Fanless Embedded System with 7th Gen Intel® Core™ i7/i5/i3 &
Celeron® Processors for Vehicle, Railway and Marine Applications
NEW
Front view
Rear view
Ordering Information
Standard
tBOX500-510-FL-Celeron-
24MRDC
Fanless railway-grade embedded system, Intel® Celeron®
3965U 2.2 GHz processor, four USB 3.0, DVI-I, RJ-45 LAN,
serial console, mic-in/line-out, two 2.5" SATA trays
tBOX500-510-FL-i3-
24MRDC
Fanless railway-grade embedded system, Intel® Core™ i3-
7100U 2.4 GHz processor, four USB 3.0, DVI-I, RJ-45 LAN,
serial console, mic-in/line-out, two 2.5" SATA trays
tBOX500-510-FL-i5-
24MRDC
Fanless railway-grade embedded system, Intel® Core™ i5-
7300U 2.6 ~ 3.5 GHz processor, four USB 3.0, DVI-I, RJ-45
LAN, serial console, mic-in/line-out, two 2.5" SATA trays
tBOX500-510-FL-i7-
24MRDC
Fanless railway-grade embedded system, Intel® Core™ i7-
7600U 2.8 ~ 3.9 GHz processor, four USB 3.0, DVI-I, RJ-45
LAN, serial console, mic-in/line-out, two 2.5" SATA trays
tBOX500-510-FL-Celeron-
TVDC
Fanless vehicle-grade embedded system, Intel® Celeron®
3965U 2.2 GHz processor, four USB 3.0, DVI-I, RJ-45 LAN,
serial console, mic-in/line-out, two 2.5" SATA trays,
9 ~ 36VDC, ACC ignition
tBOX500-510-FL-i3-TVDC
Fanless vehicle-grade embedded system, Intel® Core™ i3-
7100U 2.4 GHz processor, four USB 3.0, DVI-I, RJ-45 LAN,
serial console, mic-in/line-out, two 2.5" SATA trays,
9 ~ 36VDC, ACC ignition
tBOX500-510-FL-i5-TVDC
Fanless vehicle-grade embedded system, Intel® Core™ i5-
7300U 2.6 ~ 3.5 GHz processor, four USB 3.0, DVI-I, RJ-45
LAN, serial console, mic-in/line-out, two 2.5" SATA trays,
9 ~ 36VDC, ACC ignition
tBOX500-510-FL-i7-TVDC
Fanless vehicle-grade embedded system, Intel® Core™ i7-
7600U 2.8 ~ 3.9 GHz processor, four USB 3.0, DVI-I, RJ-45
LAN, serial console, mic-in/line-out, two 2.5" SATA trays,
9 ~ 36VDC, ACC ignition
tBOX500-510-FL-Celeron-
TMDC
Fanless marine-grade embedded system, Intel® Celeron®
3965U 2.2 GHz processor, four USB 3.0, DVI-I, RJ-45 LAN,
serial console, mic-in/line-out, two 2.5" SATA trays
tBOX500-510-FL-i3-TMDC Fanless marine-grade embedded system, Intel® Core™ i3-
7100U 2.4 GHz processor, four USB 3.0, DVI-I, RJ-45 LAN,
serial console, mic-in/line-out, two 2.5" SATA trays
tBOX500-510-FL-i5-TMDC Fanless marine-grade embedded system, Intel® Core™ i5-
7300U 2.6 ~ 3.5 GHz processor, four USB 3.0, DVI-I, RJ-45
LAN, serial console, mic-in/line-out, two 2.5" SATA trays
tBOX500-510-FL-i7-
TMDC
Fanless marine-grade embedded system, Intel® Core™ i7-
7600U 2.8 ~ 3.9 GHz processor, four USB 3.0, DVI-I, RJ-45
LAN, serial console, mic-in/line-out, two 2.5" SATA trays
EN45545
Fanless
e13/ISO7637
Low Power
DDR4
DDR4
DDR4
Ext. Temp
DNV2.4
EN50155
Certificates
CE (Class A), FCC, EN 50155, EN 50121, E-Mark, ISO 7637,
and DNV 2.4 certified; EN 45545-2 and IEC 60945 compliant
EOS support
Windows® 10 x64, Linux
Updated Sep. 01, 2017.


Similar Part No. - TBOX500-510-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
TBOX100-838-FL AXIOMTEK-TBOX100-838-FL Datasheet
574Kb / 2P
   Fanless Embedded System with Intel Atom Processor E3845 for Vehicle
TBOX311-820-FL AXIOMTEK-TBOX311-820-FL Datasheet
542Kb / 2P
   Fanless operation
TBOX311-820-FL AXIOMTEK-TBOX311-820-FL_16 Datasheet
535Kb / 2P
   1 isolated RS-232/422/485 and 1 isolated CAN bus
TBOX312-870-FL AXIOMTEK-TBOX312-870-FL Datasheet
991Kb / 2P
   Fanless Embedded System High performance DDR3-1600 4 GB memory onboard
TBOX312-870-FL-i3-DC AXIOMTEK-TBOX312-870-FL-i3-DC Datasheet
991Kb / 2P
   Fanless Embedded System High performance DDR3-1600 4 GB memory onboard
More results

Similar Description - TBOX500-510-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
TBOX324-894-FL AXIOMTEK-TBOX324-894-FL Datasheet
605Kb / 2P
   Fanless Embedded System with 7th Gen Intel Core i7/i5/i3 & Celeron
EBOX660-872-FL-DH AXIOMTEK-EBOX660-872-FL-DH_17 Datasheet
341Kb / 1P
   Fanless Embedded System with Socket G2 3rd gen Intel Core i7/i5/i3
EBOX700-891-FL AXIOMTEK-EBOX700-891-FL Datasheet
356Kb / 1P
   Fanless Embedded System with LGA1151 Socket 6th/7th Gen Intel짰 Core i7/i5/i3
EBOX635-881-FL AXIOMTEK-EBOX635-881-FL_17 Datasheet
342Kb / 1P
   Fanless Embedded System with LGA1150 Socket 4th Gen Intel Core i7/i5/i3
EBOX671-885-FL AXIOMTEK-EBOX671-885-FL_17 Datasheet
335Kb / 1P
   Fanless Embedded System with LGA1150 Socket 4th Gen Intel Core i7/i5/i3
EBOX670-883-FL AXIOMTEK-EBOX670-883-FL_17 Datasheet
348Kb / 1P
   Fanless Embedded System with LGA1150 Socket Intel Core i7/i5/i3 & Celeron
EBOX660-872-FL AXIOMTEK-EBOX660-872-FL_17 Datasheet
338Kb / 1P
   Fanless Embedded System with Socket G2 Intel Core i7/i5/i3 & Celeron
logo
BCM Advanced Research.
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
   11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
logo
Axiomtek Co., Ltd.
IPC932-230-FL AXIOMTEK-IPC932-230-FL_17 Datasheet
509Kb / 2P
   2-slot Fanless Barebone System with 4th Gen Intel Core i7/i5/i3
IPC934-230-FL AXIOMTEK-IPC934-230-FL_17 Datasheet
514Kb / 2P
   4-slot Fanless Barebone System with 4th Gen Intel Core i7/i5/i3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com