Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC162245ADGG Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC162245ADGG
Description  16-bit transceiver with direction pin;
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC162245ADGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC162245ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 10Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 11Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 12Page - NXP Semiconductors 74LVC162245ADGG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 Dec 08
9
Philips Semiconductors
Product specification
16-bit transceiver with direction pin; 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC162245A;
74LVCH162245A
Notes
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
2. For bushold parts, the bushold circuit is switched off when VI >VCC allowing 5.5 V on the input terminal.
3. For I/O ports the parameter IOZ includes the input leakage current.
4. Valid for data inputs of bushold parts (LVCH162245A) only. For data inputs only, control inputs do not have a bushold
circuit.
5. The specified sustaining current at the data input holds the input below the specified VI level.
6. The specified overdrive current at the data input forces the data input to the opposite logic input state.
Tamb = −40 to +125 °C
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input voltage
1.2
−−
GND
V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.3
−−
V
IO = −6 mA
2.7
VCC − 0.65
−−
V
IO = −12 mA
3.0
VCC − 1
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
V
IO = 100 µA
2.7 to 3.6
−−
0.3
IO =6mA
2.7
−−
0.6
V
IO =12mA
3.0
−−
0.8
V
ILI
input leakage current
VI = 5.5 V or GND;
note 2
3.6
−−
±20
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND;
notes 2 and 3
3.6
−−
±20
µA
Ioff
power-off leakage supply
current
VI or VO = 5.5 V
0.0
−−
±20
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
−−
80
µA
∆ICC
additional quiescent supply
current per input pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
−−
5000
µA
IBHL
bushold LOW sustaining
current
VI = 0.8 V;
notes 4 and 5
3.0
60
−−µA
IBHH
bushold HIGH sustaining
current
VI = 2.0 V;
notes 4 and 5
3.0
−60
−−µA
IBHLO
bushold LOW overdrive
current
notes 4 and 6
3.6
500
−−µA
IBHHO
bushold HIGH overdrive
current
notes 4 and 6
3.6
−500
−−µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)


Similar Part No. - 74LVC162245ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC162245ADGG PHILIPS-74LVC162245ADGG Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC162245ADGG NEXPERIA-74LVC162245ADGG Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC162245ADGG-Q100 NEXPERIA-74LVC162245ADGG-Q100 Datasheet
237Kb / 14P
   16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
More results

Similar Description - 74LVC162245ADGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com