Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA5938BT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMA5938BT3
Description  1.5 Watt Plastic Surface Mount Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA5938BT3 Datasheet(HTML) 3 Page - ON Semiconductor

  1SMA5938BT3 Datasheet HTML 1Page - ON Semiconductor 1SMA5938BT3 Datasheet HTML 2Page - ON Semiconductor 1SMA5938BT3 Datasheet HTML 3Page - ON Semiconductor 1SMA5938BT3 Datasheet HTML 4Page - ON Semiconductor 1SMA5938BT3 Datasheet HTML 5Page - ON Semiconductor 1SMA5938BT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1SMA5913BT3 Series
http://onsemi.com
3
Rating and Typical Characteristic Curves (TA = 25°C)
0
4
Figure 1. Steady State Power Derating
Figure 2. VZ − 3.3 thru 10 Volts
T, TEMPERATURE (°C)
Figure 3. VZ = 12 thru 68 Volts
25
50
75
100
125
150
3.2
2.4
1.6
0.8
0
0
100
24
6
8
10
10
1
0.1
VZ, ZENER VOLTAGE (VOLTS)
100
10
1
0.1
010
20
30
40
VZ, ZENER VOLTAGE (VOLTS)
100
10
10
100
VZ, ZENER VOLTAGE (VOLTS)
TL
TA
VZ @ IZT
10
100
VZ, ZENER VOLTAGE (VOLTS)
IZ(dc) = 1 mA
100
10
10 mA
20 mA
IZ(rms) = 0.1 IZ(dc)
50
Figure 4. Zener Voltage − 3.3 to 12 Volts
10
8
6
4
2
0
−2
−4
24
6
8
10
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZT
12
Figure 5. Zener Voltage − 14 to 68 Volts
Figure 6. Effect of Zener Voltage
60
70
80


Similar Part No. - 1SMA5938BT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA5938BT3 MOTOROLA-1SMA5938BT3 Datasheet
153Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS
logo
ON Semiconductor
1SMA5938BT3 ONSEMI-1SMA5938BT3 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5938BT3G ONSEMI-1SMA5938BT3G Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5938BT3G ONSEMI-1SMA5938BT3G Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
More results

Similar Description - 1SMA5938BT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
logo
Semtech Corporation
1N4460US SEMTECH-1N4460US Datasheet
72Kb / 3P
   Surface Mount(US) 1.5 WATT Voltage Regulators
logo
Micro Commercial Compon...
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com