Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC733611EM1R Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC733611EM1R
Description  -30V, -12A P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733611EM1R Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC733611EM1R Datasheet HTML 1Page - E-CMOS Corporation EC733611EM1R Datasheet HTML 2Page - E-CMOS Corporation EC733611EM1R Datasheet HTML 3Page - E-CMOS Corporation EC733611EM1R Datasheet HTML 4Page - E-CMOS Corporation EC733611EM1R Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EC733611E
-30V、
、-12A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 5
4L25N-Rev.F002
Ordering and Marking Information
EC733611E XX X
Part Number
Package
Marking
EC733611EM1R
SOP 8L
SSF3611E
YYWW
M1=
=SOP 8
R:
:Tape & Reel


Similar Part No. - EC733611EM1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC733612 E-CMOS-EC733612 Datasheet
585Kb / 6P
   30V, 11.6A N-Channel MOSFET
EC733612M1R E-CMOS-EC733612M1R Datasheet
585Kb / 6P
   30V, 11.6A N-Channel MOSFET
EC733615 E-CMOS-EC733615 Datasheet
312Kb / 6P
   -30V, -10A P-Channel MOSFET
EC733615M1R E-CMOS-EC733615M1R Datasheet
312Kb / 6P
   -30V, -10A P-Channel MOSFET
EC733616 E-CMOS-EC733616 Datasheet
589Kb / 6P
   30V,9A,N-Channel MOSFET
More results

Similar Description - EC733611EM1R

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS3603 MGCHIP-MDS3603 Datasheet
700Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -12A, 10.1m(ohm)
logo
Hi-Sincerity Mocroelect...
H3055MJ HSMC-H3055MJ Datasheet
48Kb / 4P
   N-Channel Enhancement-Mode MOSFET (30V, 12A)
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com