Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC733322B1R Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC733322B1R
Description  30V, 5.8A N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733322B1R Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC733322B1R Datasheet HTML 1Page - E-CMOS Corporation EC733322B1R Datasheet HTML 2Page - E-CMOS Corporation EC733322B1R Datasheet HTML 3Page - E-CMOS Corporation EC733322B1R Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EC733322
30V、5.8A N-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 4
4J01-Rev.F002
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID
=250μA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS=24V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID
=250μA
1
1.9
3
V
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=5A
34
43
mΩ
VGS=10V, ID=5.8A
22
28
mΩ
Forward Transconductance
gFS
VDS=5V,ID=5.8A
5
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
VDS=15V,VGS=0V,
F=1.0MHz
F=1.0MHz
680
PF
Output Capacitance
Coss
100
PF
Reverse Transfer Capacitance
Crss
75
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
VDS=15V,VGS=10V,RGEN
=3Ω
5
nS
Turn-on Rise Time
tr
4
nS
Turn-Off Delay Time
td(off)
21
nS
Turn-Off Fall Time
tf
5
nS
Total Gate Charge
Qg
VDS=15V,ID=5.8A,VGS=10V
14
nC
Gate-Source Charge
Qgs
1.8
nC
Gate-Drain Charge
Qgd
3.2
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1A
0.7
1
V
Thermal Resistance
Electrical Characterustics (TA=25℃ unless otherwise noted)
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on 1in2 FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.


Similar Part No. - EC733322B1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC733313 E-CMOS-EC733313 Datasheet
178Kb / 4P
   -30V, -8A P-Channel MOSFET
EC733313FR E-CMOS-EC733313FR Datasheet
178Kb / 4P
   -30V, -8A P-Channel MOSFET
EC733317 E-CMOS-EC733317 Datasheet
161Kb / 4P
   -30V, -7A P-Channel MOSFET
EC733317FR E-CMOS-EC733317FR Datasheet
161Kb / 4P
   -30V, -7A P-Channel MOSFET
EC733338 E-CMOS-EC733338 Datasheet
480Kb / 4P
   N-Channel MOSFET
More results

Similar Description - EC733322B1R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HP4936DY INTERSIL-HP4936DY Datasheet
84Kb / 5P
   5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
logo
KIA Semiconductor Techn...
6N70S KIA-6N70S Datasheet
266Kb / 6P
   5.8A,700V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
HP4936DY FAIRCHILD-HP4936DY Datasheet
152Kb / 6P
   5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
logo
Intersil Corporation
BUZ73A INTERSIL-BUZ73A Datasheet
42Kb / 5P
   5.8A, 200V, 0.600 Ohm, N-Channel Power MOSFET
October 1998
logo
STMicroelectronics
STB6NB90 STMICROELECTRONICS-STB6NB90 Datasheet
48Kb / 5P
   N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET
logo
Fairchild Semiconductor
FDS5692Z FAIRCHILD-FDS5692Z Datasheet
121Kb / 6P
   N-Channel UltraFET Trench MOSFET 50V, 5.8A, 24m Ohm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com