Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC733322B1R Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC733322B1R
Description  30V, 5.8A N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733322B1R Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC733322B1R Datasheet HTML 1Page - E-CMOS Corporation EC733322B1R Datasheet HTML 2Page - E-CMOS Corporation EC733322B1R Datasheet HTML 3Page - E-CMOS Corporation EC733322B1R Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EC733322
30V、5.8A N-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 4
4J01-Rev.F002
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
1
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
0.75
IDM
Pulsed Drain Current
4
PD @TC = 25°C
Power Dissipation
44
W
Linear Derating Factor
0.36
W/°C
VDS
Drain-Source Voltage
800
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=100mH
50
mJ
IAS
Avalanche Current @ L=100mH
1
A
TJ TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
Description
The EC733322 uses advanced trench technology to provide excellent RDS(ON) and low gate charge .This device is suitable
for use as a load switch or in PWM applications.
Features :
VDS = 30V,ID =5.8A
RDS(ON)
< 43mΩ @ VGS=4.5V
RDS(ON)
< 28mΩ @ VGS=10V
High Power and current handing capability
Lead free product is acquired
Schematic diagram
Surface Mount Package
Application
PWM applications
Load switch
Power management
pin Assignment
Main Product Characteristics
Absolute max Rating
VDSS
30V
RDS(on)
22m
Ω(typ.)
ID
5.8A


Similar Part No. - EC733322B1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC733313 E-CMOS-EC733313 Datasheet
178Kb / 4P
   -30V, -8A P-Channel MOSFET
EC733313FR E-CMOS-EC733313FR Datasheet
178Kb / 4P
   -30V, -8A P-Channel MOSFET
EC733317 E-CMOS-EC733317 Datasheet
161Kb / 4P
   -30V, -7A P-Channel MOSFET
EC733317FR E-CMOS-EC733317FR Datasheet
161Kb / 4P
   -30V, -7A P-Channel MOSFET
EC733338 E-CMOS-EC733338 Datasheet
480Kb / 4P
   N-Channel MOSFET
More results

Similar Description - EC733322B1R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HP4936DY INTERSIL-HP4936DY Datasheet
84Kb / 5P
   5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
logo
KIA Semiconductor Techn...
6N70S KIA-6N70S Datasheet
266Kb / 6P
   5.8A,700V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
HP4936DY FAIRCHILD-HP4936DY Datasheet
152Kb / 6P
   5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
logo
Intersil Corporation
BUZ73A INTERSIL-BUZ73A Datasheet
42Kb / 5P
   5.8A, 200V, 0.600 Ohm, N-Channel Power MOSFET
October 1998
logo
STMicroelectronics
STB6NB90 STMICROELECTRONICS-STB6NB90 Datasheet
48Kb / 5P
   N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET
logo
Fairchild Semiconductor
FDS5692Z FAIRCHILD-FDS5692Z Datasheet
121Kb / 6P
   N-Channel UltraFET Trench MOSFET 50V, 5.8A, 24m Ohm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com