Electronic Components Datasheet Search |
|
MLF1608D82NMTD25 Datasheet(PDF) 1 Page - TDK Electronics |
|
MLF1608D82NMTD25 Datasheet(HTML) 1 Page - TDK Electronics |
1 / 3 page Inductors (Coils) 1 of 3 Creation Date : November 03, 2017 (GMT) MLF1608D82NMTD25 Applications Automotive Grade Feature Shield Magnetic Shield Multilayer Multilayer Ferrite Core Ferrite Core AEC-Q200 AEC-Q200 Series | Type MLF Status Production Brand TDK Size Length(L) 1.60mm ±0.15mm Width(W) 0.80mm ±0.15mm Thickness(T) 0.80mm ±0.15mm Recommended Land Pattern (A) 0.60mm Nom. Recommended Land Pattern (B) 0.80mm Nom. Recommended Land Pattern (C) 0.80mm Nom. Electrical Characteristics Inductance 82nH ±20% at 50MHz Rated Current (L Change) [Typ.] Rated Current (L Change) [Max.] Rated Current (Temperature Rise) [Typ.] Rated Current (Temperature Rise) [Max.] 200mA DC Resistance [Typ.] 150mΩ DC Resistance [Max.] 300mΩ Self Resonant Frequency [Min.] 500MHz Self Resonant Frequency [Typ.] 650MHz Q [Min.] 10 Q [Typ.] 20 Other Operating Temp. Range (Including Self-Temp. Rise) -55 to 125°C Soldering Method Reflow Iron Soldering AEC-Q200 Yes Packing Punched (Paper)Taping [180mm Reel] Package Quantity 4000pcs Weight 0.004g ! Images are for reference only and show exemplary products. ! This PDF document was created based on the data listed on the TDK Corporation website. ! All specifications are subject to change without notice. Copyright(c) TDK Corporation. All rights reserved. |
Similar Part No. - MLF1608D82NMTD25 |
|
Similar Description - MLF1608D82NMTD25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |