Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME10-524DCJZ Datasheet(PDF) 6 Page - AIMTEC

Part # AME10-524DCJZ
Description  10 Watt | AC-DC / DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME10-524DCJZ Datasheet(HTML) 6 Page - AIMTEC

  AME10-524DCJZ Datasheet HTML 1Page - AIMTEC AME10-524DCJZ Datasheet HTML 2Page - AIMTEC AME10-524DCJZ Datasheet HTML 3Page - AIMTEC AME10-524DCJZ Datasheet HTML 4Page - AIMTEC AME10-524DCJZ Datasheet HTML 5Page - AIMTEC AME10-524DCJZ Datasheet HTML 6Page - AIMTEC AME10-524DCJZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Series AME10-CJZ
10 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052e R8. D
6 of 7
North America only
Typical application circuits
AC
DC
AC L
AC N
+ Vout
- Vout
Single Output
MOV
S14K350
FUSE
2A/300V
C1
1µF/50V
NTC
AC L
AC N
+ Vout
- Vout
C2
+
TVS
Earth/GND
AC
DC
AC L
AC N
+ Vout
- Vout
Dual Output
MOV
S14K350
FUSE
2A/300V
C1
1µF/50V
NTC
AC L
AC N
+ Vout
- Vout
C2
+
TVS 1
Earth/GND
Com
C3
1µF/50V
C4
+
Com
TVS 2
AC
DC
AC L
AC N
+ Vout 1
- Vout 2
Asymmetric
Dual Output
MOV
S14K350
FUSE
2A/300V
C1
1µF/50V
NTC
AC L
AC N
+
Vout 2
C2
+
TVS 1
Earth/GND
-
C3
1µF/50V
C4
+
-
+
Vout 1
+ Vout 2
- Vout 1
TVS 2
AC
DC
AC L
AC N
+ Vout 2
- Vout 2
MOV
S14K350
FUSE
2A/300V
C5
1µF/50V
NTC
AC L
AC N
+ Vout 2
- Vout 2
C6
+
TVS2
Earth/GND
Com
C3
1µF/50V
C4
+
Com
+
C1
1µF/50V
C2
+
TVS1
+
-
-
Vout 1
Vout 1
Triple Output
TVS3


Similar Part No. - AME10-524DCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME10-524DCJZ AIMTEC-AME10-524DCJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME10-524DCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ Datasheet
379Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SBJZ AIMTEC-AME10-3.3SBJZ Datasheet
520Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AME10-CJZ AIMTEC-AME10-CJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_16 Datasheet
584Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_13 Datasheet
776Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_12 Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-JZ AIMTEC-AME10-JZ Datasheet
173Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ_16 Datasheet
386Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_16 Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com