Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSF128K16-72G1UIA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WSF128K16-72G1UIA
Description  128K X 16 SRAM /FLASH MODULE SMD 5962-96900
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WSF128K16-72G1UIA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WSF128K16-72G1UIA Datasheet HTML 3Page - List of Unclassifed Manufacturers WSF128K16-72G1UIA Datasheet HTML 4Page - List of Unclassifed Manufacturers WSF128K16-72G1UIA Datasheet HTML 5Page - List of Unclassifed Manufacturers WSF128K16-72G1UIA Datasheet HTML 6Page - List of Unclassifed Manufacturers WSF128K16-72G1UIA Datasheet HTML 7Page - List of Unclassifed Manufacturers WSF128K16-72G1UIA Datasheet HTML 8Page - List of Unclassifed Manufacturers WSF128K16-72G1UIA Datasheet HTML 9Page - List of Unclassifed Manufacturers WSF128K16-72G1UIA Datasheet HTML 10Page - List of Unclassifed Manufacturers WSF128K16-72G1UIA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WSF128K16-XXX
Parameter
Symbol
-70
-120
Unit
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
70
120
ns
FWE Setup Time
t WLEL
tWS
00
ns
FCS Pulse Width
tELEH
tCP
35
50
ns
Address Setup Time
tAVEL
tAS
00
ns
Data Setup Time
tDVEH
tDS
30
50
ns
Data Hold Time
tEHDX
tDH
00
ns
Address Hold Time
t ELAX
tAH
45
50
ns
FWE Hold from FWE High
tEHWH
tWH
00
ns
FCS Pulse Width High
tEHEL
tCPH
20
20
ns
Duration of Programming Operation
tWHWH1
14
14
µs
Duration of Erase Operation
tWHWH2
2.2
60
2.2
60
sec
Read Recovery before Write
tGHEL
00
ns
Chip Programming Time
12.5
12.5
sec
FLASH AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, FCS CONTROLLED
(VCC = 5.0V, TA = -55°C TO +125°C)


Similar Part No. - WSF128K16-72G1UIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF128K16-72G1UIA WEDC-WSF128K16-72G1UIA Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
More results

Similar Description - WSF128K16-72G1UIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
List of Unclassifed Man...
WSF128K32 ETC1-WSF128K32 Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com