Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPV1515S-W5 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPV1515S-W5
Description  0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV1515S-W5 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPV1515S-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV1515S-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV1515S-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPV-W5 3.3V, 5V, 12V &15V Series
www.gztoppower.com
TEL:020-61038836
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPV-W5
series are miniature, isolated 0.5W DC/DC converters in a SIP and DIP package.
They offer the ideal solution in many space critical applications for board level power distribution.
The Internal SMD construction makes it possible to offer a product with high performance at low
cost. The series offers smaller size, improved efficiency and 3KVDC isolation.
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
FEATURES
RoHS compliant、CE certification
Efficiency to 80%
Power density up to 0.85W/cm
3
Single or dual output
UL 94V-0 package material
Power sharing on dual output
Footprint from 1.17cm
2
Industry standard pinout
3KVDC isolation (1 minute)
Input voltage: 3.3V,5V,12V,15V
Output voltage: 3.3V,5V,9V,12V,15V,24V /±5V,±9V,±12V,±15V
Operating temperature: -40ºC to 85ºC
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
(Max./Min)
Efficiency
Package Style
V
V
mA
%
TPV0303DA-W5
3.3
3.3
152/15.2
72
DIP
TPV0305DA-W5
3.3
5
100/10
72
DIP
TPV0505DA-W5
5
5
100/10
72
DIP
TPV0509DA-W5
5
9
55.5/5.55
75
DIP
TPV0512DA-W5
5
12
41.7/4.17
76
DIP
TPV0515DA-W5
5
15
33.3/3.33
78
DIP
TPV0303SA-W5
3.3
3.3
152/15.2
72
SIP
TPV0305SA-W5
3.3
5
100/10
72
SIP
TPV0505SA-W5
5
5
100/10
83
SIP
TPV0509SA-W5
5
9
55.5/5.55
75
SIP
TPV0512SA-W5
5
12
41.7/4.17
76
SIP
TPV0515SA-W5
5
15
33.3/3.33
78
SIP
TPV0524SA-W5
5
24
20.84/2.084
79
SIP
TPV1205DA-W5
12
5
100/10
72
DIP
TPV1209DA-W5
12
9
55.5/5.55
75
DIP
TPV1212DA-W5
12
12
41.7/4.17
77
DIP
TPV1215DA-W5
12
15
33.3/3.33
78
DIP
TPV1205SA-W5
12
5
100/10
72
SIP
TPV1209SA-W5
12
9
55.5/5.55
75
SIP
TPV1212SA-W5
12
12
41.7/4.17
77
SIP
TPV1215SA-W5
12
15
33.3/3.33
78
SIP
TPV1505SA-W5
15
5
100/10
72
SIP
TPV1512SA-W5
15
12
41.7/4.17
74
SIP
TPV1515SA-W5
15
15
33.3/3.33
78
SIP
TPV0505D-W5
5
±5
±50/±5
72
DIP
TPV0509D-W5
5
±9
±27.75/±2.775
77
DIP
TPV0512D-W5
5
±12
±20.85/±2.085
78
DIP
TPV0515D-W5
5
±15
±16.65/±1.665
80
DIP
TPV0505S-W5
5
±5
±50/±5
72
SIP
TPV0509S-W5
5
±9
±27.75/±2.775
77
SIP
TPV0512S-W5
5
±12
±20.85/±2.085
78
SIP
TPV0515S-W5
5
±15
±16.65/±1.665
80
SIP
TPV1205D-W5
12
±5
±50/±5
72
DIP
TPV1209D-W5
12
±9
±27.75/±2.775
74
DIP
TPV1212D-W5
12
±12
±20.85/±2.085
76
DIP
TPV1215D-W5
12
±15
±16.65/±1.665
77
DIP
TPV1205S-W5
12
±5
±50/±5
72
SIP
TPV1209S-W5
12
±9
±27.75/±2.775
74
SIP
TPV1212S-W5
12
±12
±20.85/±2.085
76
SIP
TPV1215S-W5
12
±15
±16.65/1±.665
77
SIP
TPV1505S-W5
15
±5
±50/±5
72
SIP
TPV1512S-W5
15
±12
±20.85/±2.085
74
SIP
TPV1515S-W5
15
±15
±16.65/±1.665
78
SIP
Add suffix “P” for continuous short circuit protection, for example TPV0505SAP-W5.
TOPPOWER


Similar Part No. - TPV1515S-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV1515S-W5 TOPPOWER-TPV1515S-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV1515S-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5 Datasheet
772Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5_V01 Datasheet
833Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5_V01 Datasheet
811Kb / 3P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5 Datasheet
208Kb / 4P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com