Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC49121-XXNHFT21G Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC49121-XXNHFT21G
Description  600mA LDO with Fast Enable And Fast Discharge Function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49121-XXNHFT21G Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC49121-XXNHFT21G Datasheet HTML 5Page - E-CMOS Corporation EC49121-XXNHFT21G Datasheet HTML 6Page - E-CMOS Corporation EC49121-XXNHFT21G Datasheet HTML 7Page - E-CMOS Corporation EC49121-XXNHFT21G Datasheet HTML 8Page - E-CMOS Corporation EC49121-XXNHFT21G Datasheet HTML 9Page - E-CMOS Corporation EC49121-XXNHFT21G Datasheet HTML 10Page - E-CMOS Corporation EC49121-XXNHFT21G Datasheet HTML 11Page - E-CMOS Corporation EC49121-XXNHFT21G Datasheet HTML 12Page - E-CMOS Corporation EC49121-XXNHFT21G Datasheet HTML 13Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
EC49121
600mA LDO with Fast Enable
And Fast Discharge Function
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 13
2009/01/12-2
Detail Description
The EC49121 is a low-dropout linear regulator. The device provides preset 1.8V, 2.5V and 3.3V output
voltages for output current up to 600mA. Adjustable output voltage and other mask options for special output
voltages are also available. As illustrated in function block diagram, it consists of a 1.175V band gap (Fixed voltage
type is 0.95V) reference, an error amplifier, a P-channel pass transistor and an internal feedback voltage divider.
The band gap reference for fixed voltage types is connected to the error amplifier, which compares this
reference with the feedback voltage and amplifies the voltage difference. If the feedback voltage is lower than the
reference voltage, the pass-transistor gate is pulled lower, which allows more current to pass to the output pin and
increases the output voltage. If the feedback voltage is too high, the pass transistor gate is pulled up to decrease
the output voltage.
The output voltage is feed back through an internal resistive divider (or external resistive divider for
adjustable output voltage type) connected to OUT pin. Additional blocks include an output current limiter, thermal
sensor, and shutdown logic.
Internal P-Channel Pass Transistor
The EC49121 features a P-channel MOSFET pass transistor. Unlike similar designs using PNP pass
transistors, P-channel MOSFET require no base drive, which reduces quiescent current. PNP based regulators
also waste considerable current in dropout when the pass transistor saturates, and use high base-drive currents
under large loads. The EC49121 does not suffer from these problems and consumes only 60μA (Typ.) of current
consumption under heavy loads as well as in dropout conditions.
Enable Function
EN pin starts and stops the regulator. When the EN pin is switched to the power off level, the operation of all
internal circuit stops, the build-in P-channel MOSFET output transistor between pins VIN and VOUT is
switched off, allowing current consumption to be drastically reduced. The VOUT Pin enters the GND level through
the internal discharge path between VOUT and GND pins.
Fast Discharge Function
The EC49121 fixed type has fast discharge Function on EN pin disable. When user turns off the device, its
internal pull low resistor will discharge output capacitor charge. It’ll avoid other device to arise wrong motions.
Simplified Application Circuit


Similar Part No. - EC49121-XXNHFT21G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
EC49124-XX-B6GR E-CMOS-EC49124-XX-B6GR Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
EC49124-XX-B6NR E-CMOS-EC49124-XX-B6NR Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
More results

Similar Description - EC49121-XXNHFT21G

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Orister Corporation
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com