Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC49022NNMHR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49022NNMHR
Description  1A, Single Cell Linear Lithium Battery Charger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49022NNMHR Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49022NNMHR Datasheet HTML 1Page - E-CMOS Corporation EC49022NNMHR Datasheet HTML 2Page - E-CMOS Corporation EC49022NNMHR Datasheet HTML 3Page - E-CMOS Corporation EC49022NNMHR Datasheet HTML 4Page - E-CMOS Corporation EC49022NNMHR Datasheet HTML 5Page - E-CMOS Corporation EC49022NNMHR Datasheet HTML 6Page - E-CMOS Corporation EC49022NNMHR Datasheet HTML 7Page - E-CMOS Corporation EC49022NNMHR Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1A, Single Cell Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 8
4J30N Rev. F001
EC49022
Electrical Characteristics
VIN = 5V; TA = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Input Supply Voltage
4.0
5
6.5
V
ICC
Input Supply Current
Charge Mode, RPROG = 2K
146
µA
Standby Mode (Charge Terminated)
70
µA
Shutdown Mode(RPROG
Not Connected,
VCC < VBAT, or VCC < VUV)
30
µA
VFLOAT
Regulated Output
Voltage
IBAT = 30mA, RPROG = 10K
4.3
4.34
4.38
V
IBAT
BAT Pin Current
(Current mode test
condition VBAT=4V)
RPROG = 2K, Current Mode
560
mA
RPROG = 1K, Current Mode
1120
mA
Standby Mode, VBAT = 4.3V
+/-1
µA
Shutdown Mode
(RPROG Not Connected)
+/-1
µA
Sleep Mode, VCC = 0V
+/-1
µA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 2K
60
mA
VTRIKL
Trickle Charge Threshold
Voltage
RPROG = 2K, VBAT Rising
2.8
2.9
3.0
V
VTRHYS
Trickle Voltage hysteresis
Voltage
RPROG=2K
100
mV
VUV
VCC Undervoltage
Lockout Threshold
From VCC Low to High
3.7
V
VUVHYS
VCC Undervoltage
Lockout Hysteresis
150
mV
VASD
VCC – VBAT Lockout
Threshold Voltage
Vcc from Low to High
150
mV
Vcc from High to Low
100
mV
ITERM
C/10 Termination Current
Threshold
RPROG = 2K
60
mA
RPROG = 1K
100
mA
VPROG
PROG Pin Voltage
RPROG = 2k, Current Mode
0.9
1.0
1.1
V
CHRG
Pin Output Low
Voltage
CHRG
I
= 5mA
0.4
V
STDBY
V
STDBY
Pin Output Low
Voltage
STDBY
I
=5mA
0.4
V
VTEMP-H
TEMP pin voltage of the
high-end flip
80
%Vcc


Similar Part No. - EC49022NNMHR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020BSMHR E-CMOS-EC49020BSMHR Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020BSMHT E-CMOS-EC49020BSMHT Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020XSMHR E-CMOS-EC49020XSMHR Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
EC49020XSMHT E-CMOS-EC49020XSMHT Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
More results

Similar Description - EC49022NNMHR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
EC49023 E-CMOS-EC49023 Datasheet
456Kb / 9P
   1A, Linear Lithium Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
   1A Lithium Ion Battery Linear Charger
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1 Datasheet
176Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Guangdong Youtai Semico...
TP4056 UMW-TP4056 Datasheet
878Kb / 12P
   1A linear lithium-ion battery charger
logo
SHANGHAI BELLING CO., L...
BL4056 BELLING-BL4056 Datasheet
325Kb / 17P
   1A Lithium Ion Battery Linear Charger
logo
SHOUDING Shouding Semic...
SD8068 SHOUDING-SD8068 Datasheet
812Kb / 18P
   1A Lithium Ion Battery Linear Charger
logo
Shenzhen Huazhimei Semi...
HM4056A HMSEMI-HM4056A Datasheet
713Kb / 8P
   1A linear lithium ion battery charger
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com