Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC49020 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49020
Description  High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49020 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49020 Datasheet HTML 1Page - E-CMOS Corporation EC49020 Datasheet HTML 2Page - E-CMOS Corporation EC49020 Datasheet HTML 3Page - E-CMOS Corporation EC49020 Datasheet HTML 4Page - E-CMOS Corporation EC49020 Datasheet HTML 5Page - E-CMOS Corporation EC49020 Datasheet HTML 6Page - E-CMOS Corporation EC49020 Datasheet HTML 7Page - E-CMOS Corporation EC49020 Datasheet HTML 8Page - E-CMOS Corporation EC49020 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EC49020
4D25N-Rev.P001
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 11
High Efficiency 2A 1.5MHz
Single Cell Li-ion Battery Switching Charger
Electrical Characteristics
VIN=5V, typical values are at TA = +25°C, with respect to GND
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
VIN
Supply Operating Range
4.5
6.5
V
VUVLO
Under-voltage lockout threshold
Measure on VIN 0V4V
3.3
V
VUVLO_HYS Hysteresis on UVLO
Measure on VIN 4V 0V
300
mV
VOVP
Over-Voltage Rising
VIN rising 5V 7V
6.55
6.75
6.95
V
VOVP_HYS Hysteresis on OVP
VIN falling 7V 5V
100
mV
AUTOMATIC SLEEP COMPARATOR (REVERSE DISCHARGING PROTECTION)
VSLEEP
SLEEP mode threshold
VIN – VBAT falling
100
mV
VSLEEP_HYS
Hysteresis
VIN – VBAT rising
200
mV
QUIESCENT CURRENTS
IBAT
Battery discharge current
Pull TS to GND
25
µA
IAC
Adapter supply current
VIN > VUVLO, VIN > VBAT,
1.2
2.0
mA
VBAT>VBAT_REG, Charge disabled
CHARGE VOLTAGE REGULATION
VBAT_REG
BAT regulation voltage
EC49020XS, measured on BAT
0°C ≤ TA ≤+70°C
4.158
4.200
4.242
V
EC49020BS, measured on BAT
0°C ≤ TA ≤+70°C
4.306
4.350
4.393
VRCHG
Recharge Threshold,
belowregulation voltage limit
1 cell, measured on BAT
VBAT_REG-VBAT
100
mV
VLOWV
Trickle Charge to fast
charge transition threshold
measured on BAT
2.9
V
VOV_BAT
BAT Over-voltage Threshold
As percentage of VBAT_REG
104%
CHARGE CURRENT REGULATION
IOUT
Charge Current Limit
VBAT(REG) > VBAT > VLOWV;
IOUT = KISET /RISET;RISET = 40kΩ to 200kΩ
0.5
2
A
KISET
Fast charge current factor
RISET = KISET /IOUT; 0.5A<IOUT< 2A
100
A·k
%TRICHG
Trickle Charge Current
VBAT < VLOWV
10
%IOUT
%TERM
Termination Current
VBAT > VRCHG
10
%IOUT
THERMISTOR COMPARATOR
VLTF
Cold Temperature Threshold,
TS pin Voltage Rising Threshold
Charger suspends charge.
As percentage to VCC
70.5% 73.5% 76.5%
VLTF_HYS Cold Temperature Hysteresis,
TS pin voltage Falling
As percentage to VCC
0.4%
VHTF
Hot Temperature TS pin voltage
rising Threshold
As percentage to VCC
47%
VTCO
Cut-off Temperature TS pin
Voltage falling Threshold
As percentage to VCC
41.7% 44.7% 47.7%
VOFF
Charging Disable Threshold
TS pin voltage falling edge
Hysteresis 0.15V
0.15
V
INTERNAL THERMAL REGULATION
TJ_REG Temperature Regulation Limit
Charging
125
°C


Similar Part No. - EC49020

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49021 E-CMOS-EC49021 Datasheet
154Kb / 6P
   USB Charger Enhance IC
EC49021AD E-CMOS-EC49021AD Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
EC49021ADB3R E-CMOS-EC49021ADB3R Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
EC49021ASB3R E-CMOS-EC49021ASB3R Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
More results

Similar Description - EC49020

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4063 AITSEMI-A4063 Datasheet
366Kb / 10P
   BATTERY MANAGEMENT 2A 1.5MHz SINGLE Li-ion SWITCHING CHARGER IC
REV4.0
logo
List of Unclassifed Man...
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
   High Efficiency 2A Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Monolithic Power System...
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
   24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com