Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC49018 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC49018
Description  1A, Single Cell Linear Lithium Battery Charger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49018 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC49018 Datasheet HTML 1Page - E-CMOS Corporation EC49018 Datasheet HTML 2Page - E-CMOS Corporation EC49018 Datasheet HTML 3Page - E-CMOS Corporation EC49018 Datasheet HTML 4Page - E-CMOS Corporation EC49018 Datasheet HTML 5Page - E-CMOS Corporation EC49018 Datasheet HTML 6Page - E-CMOS Corporation EC49018 Datasheet HTML 7Page - E-CMOS Corporation EC49018 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1A, Single Cell Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 8
3H20N Rev. P001
EC49018
Pin Functions
Pin
Pin Function Description
Pin
Pin Function Description
TEMP
Connecting TEMP pin to NTC
thermistor’s
output in Lithium ion battery pack.
BAT
Connect the positive terminal of the battery
to BAT pin
PROG
Constant charge current setting and charge
current monitor pin
STDBY
Open Drain Charge Status Output
GND
Ground pin
CHRG
Open Drain Charge Status Output
VCC
Input Voltage pin
CE
Chip Enable Input
Ordering Information
Package
Part Number
Marking
Marking Information
SOP-8
(Exposed PAD)
EC49018NNMHR
49018
LLLLL
YYWWT
1.
LLLLL:Lot No.
2.
YYWW:date Code
3.
T:Internal Tracking Code
Pin Configuration


Similar Part No. - EC49018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC49016 ETC2-EC49016 Datasheet
175Kb / 8P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49016 E-CMOS-EC49016 Datasheet
195Kb / 10P
   Standalone Linear Lithium Battery Charger
logo
List of Unclassifed Man...
EC49016B2-F ETC2-EC49016B2-F Datasheet
175Kb / 8P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49016B2-F E-CMOS-EC49016B2-F Datasheet
195Kb / 10P
   Standalone Linear Lithium Battery Charger
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
   Standalone Linear Lithium Battery Charger
More results

Similar Description - EC49018

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49022 E-CMOS-EC49022 Datasheet
365Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
EC49023 E-CMOS-EC49023 Datasheet
456Kb / 9P
   1A, Linear Lithium Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
   1A Lithium Ion Battery Linear Charger
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1 Datasheet
176Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Guangdong Youtai Semico...
TP4056 UMW-TP4056 Datasheet
878Kb / 12P
   1A linear lithium-ion battery charger
logo
SHANGHAI BELLING CO., L...
BL4056 BELLING-BL4056 Datasheet
325Kb / 17P
   1A Lithium Ion Battery Linear Charger
logo
SHOUDING Shouding Semic...
SD8068 SHOUDING-SD8068 Datasheet
812Kb / 18P
   1A Lithium Ion Battery Linear Charger
logo
Shenzhen Huazhimei Semi...
HM4056A HMSEMI-HM4056A Datasheet
713Kb / 8P
   1A linear lithium ion battery charger
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com