Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9642 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 5 Page - Analog Devices

  AD9642 Datasheet HTML 1Page - Analog Devices AD9642 Datasheet HTML 2Page - Analog Devices AD9642 Datasheet HTML 3Page - Analog Devices AD9642 Datasheet HTML 4Page - Analog Devices AD9642 Datasheet HTML 5Page - Analog Devices AD9642 Datasheet HTML 6Page - Analog Devices AD9642 Datasheet HTML 7Page - Analog Devices AD9642 Datasheet HTML 8Page - Analog Devices AD9642 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD9642
Data Sheet
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input range, unless
otherwise noted.
Table 2.
AD9642-170
AD9642-210
AD9642-250
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 30 MHz
25°C
72.5
72.4
72.2
dBFS
fIN = 90 MHz
25°C
72.2
72.2
72.0
dBFS
Full
70.7
70.0
dBFS
fIN = 140 MHz
25°C
71.8
71.6
71.8
dBFS
fIN = 185 MHz
25°C
71.2
71.5
71.4
dBFS
Full
68.6
dBFS
fIN = 220 MHz
25°C
70.7
71.0
70.9
dBFS
SIGNAL-TO-NOISE AND DISTORTION
(SINAD)
fIN = 30 MHz
25°C
71.5
71.5
71.2
dBFS
fIN = 90 MHz
25°C
71.3
71.3
71.0
dBFS
Full
69.6
68.7
dBFS
fIN = 140 MHz
25°C
70.8
70.6
70.9
dBFS
fIN = 185 MHz
25°C
70.3
70.5
70.4
dBFS
Full
67.5
dBFS
fIN = 220 MHz
25°C
69.7
70.1
70.0
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 30 MHz
25°C
11.6
11.6
11.5
Bits
fIN = 90 MHz
25°C
11.6
11.6
11.5
Bits
fIN = 140 MHz
25°C
11.5
11.4
11.5
Bits
fIN = 185 MHz
25°C
11.4
11.4
11.4
Bits
fIN = 220 MHz
25°C
11.3
11.3
11.3
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz
25°C
−96
−96
−90
dBc
fIN = 90 MHz
25°C
−95
−92
−89
dBc
Full
−82
−79
dBc
fIN = 140 MHz
25°C
−97
−94
−90
dBc
fIN = 185 MHz
25°C
−86
−95
−86
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−84
−84
−86
dBc
SPURIOUS-FREE DYNAMIC RANGE
(SFDR)
fIN = 30 MHz
25°C
96
96
90
dBc
fIN = 90 MHz
25°C
95
92
89
dBc
Full
82
79
dBc
fIN = 140 MHz
25°C
97
94
90
dBc
fIN = 185 MHz
25°C
86
95
86
dBc
Full
80
dBc
fIN = 220 MHz
25°C
84
84
86
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 30 MHz
25°C
−99
−98
−95
dBc
fIN = 90 MHz
25°C
−95
−97
−98
dBc
Full
−87
−81
dBc
fIN = 140 MHz
25°C
−98
−96
−97
dBc
fIN = 185 MHz
25°C
−96
−97
−96
dBc
Full
−81
dBc
fIN = 220 MHz
25°C
−97
−94
−95
dBc
Rev. B | Page 4 of 28


Similar Part No. - AD9642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642 Datasheet
176Kb / 5P
   High IF Sampling Receiver Front End with Band-Pass Filter
REV. 0
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642-210EBZ AD-AD9642-210EBZ Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
More results

Similar Description - AD9642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com