Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT6164 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT6164
Description  Digital Line Interface Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT6164 Datasheet(HTML) 4 Page - Exar Corporation

  XRT6164 Datasheet HTML 1Page - Exar Corporation XRT6164 Datasheet HTML 2Page - Exar Corporation XRT6164 Datasheet HTML 3Page - Exar Corporation XRT6164 Datasheet HTML 4Page - Exar Corporation XRT6164 Datasheet HTML 5Page - Exar Corporation XRT6164 Datasheet HTML 6Page - Exar Corporation XRT6164 Datasheet HTML 7Page - Exar Corporation XRT6164 Datasheet HTML 8Page - Exar Corporation XRT6164 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
XRT6164
4
Rev. 3.0.0
ELECTRICAL CHARACTERISTICS
Test Conditions: V
CC = 5V +/- 5%, T A = 25°C, Unless Otherwise Specified
Parameters
Min.
Typ.
Max. Units
Conditions
DC Electrical Characteristics
Supply Voltage
4.75
5
5.25
V
Analog Supply Current
4
8
mA
Digital Supply Current
13
20
mA
Receiver
Input Signal
1
2.2
Vp
Measured from Pins 1 or 16 with Respect to Pin 2
Dynamic Range
10
dB
Maximum Cable Loss Range
Input Impedance
20
k
Measured Between Pins 1 and 16
Input Slicing Threshold
50
%
Percent of Peak Input Signal Amplitude
Input Bias Voltage
1.45
V
Measured at Pin 2
Loss of Signal Alarm Threshold
150
mVp
Measured from Pins 1 or 16 with Respect to Pin 2
Loss of Signal Alarm Level
+/-1.5
dB
Difference Between Alarm-on and Alarm-off
Hysteresis
Levels
Peak Detector Leakage
-80
µA
Data Output Low
0.4
V
Measured at Pins 5 or 12, I OUT = +1.6mA
Data Output High
3.6
V
Measured at Pins 5 or 12, I OUT = -40
µA
Alarm Output Low
0.4
V
Measured at Pin 3; I OUT = +1.6mA
Alarm Output High
V
CC -
V
Measured at Pin 3; I OUT = -40
µA
0.5
TCM Input Low Voltage
0.8
V
Measured at Pin 15; I IN Min = -500
µA, I IN Max =
+5
µA
Transmitter
Input Low Voltage
0.8
V
Measured at Pins 6, 11; I IN = -700
µA
Input High Voltage
2.2
V
Measured at Pins 6, 11; I IN = +5
µA
Output Low Voltage
1
V
Measured at Pins 8, 10; I OUT = -40mA
Output Low Current
40
mA
Measured at Pins 8, 10; V OUT = 1V
Output Leakage Current
-100
µA
Measured at Pins 8, 10; V OUT = 10V Outputs in
off state
AC Electrical Characteristics
Receiver
Input Level
1
2.2
Vp
Pin 1, 16 with Respect to Pin 2 1
Output Rise Time
50
ns
Pins 5, 12; C L = 15pF, 10% to 90%
Output Fall Time
50
ns
Pins 5, 12; C L =15pF, 90% to 10%
Notes:
1. Higher input voltages are possible if a resistive input attenuator is used.
Bold face parameters are covered by production test and guaranteed over operating temperature range.


Similar Part No. - XRT6164

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164 EXAR-XRT6164 Datasheet
99Kb / 10P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
102Kb / 10P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
122Kb / 10P
   Digital Line Interface Transceiver
XRT6164AID EXAR-XRT6164AID Datasheet
492Kb / 10P
   Digital Line Interface Transceiver
More results

Similar Description - XRT6164

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A_07 Datasheet
102Kb / 10P
   Digital Line Interface Transceiver
XRT6164A_0710 EXAR-XRT6164A_0710 Datasheet
122Kb / 10P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
   Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164_07 Datasheet
99Kb / 10P
   Digital Line Interface Transceiver
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
CML Microcircuits
CMX615 CMLMICRO-CMX615 Datasheet
584Kb / 26P
   Digital Line to POTS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com