Electronic Components Datasheet Search |
|
DB154 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
DB154 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 2 page 1± 0.1 8.3± 0.1 5± 0.2 FEATURES Rating to 1000V PRV Surge overload rating to 40 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product 94V-O MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%. DB153 DB154 DB155 DB156 DB157 UNITS Maximum recurrent peak reverse voltage VRRM 200 400 600 800 1000 V Maximum RMS voltage VRMS 140 280 420 560 700 V Maximum DC blocking voltage VDC 200 400 600 800 1000 V Maximum average forw ard Output current @T A=25 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 1.5 A VF V Maximum reverse current @T A=25 μA at rated DC blocking voltage @T A=100 mA Operating junction temperature range TJ Storage temperature range TSTG DB151 DB152 50 100 1.1 0.5 40.0 IFSM DB151 --- DB157 A 5.0 Lead solderable per MIL-STD-202 method 208 IF(AV) 1.5 Lead: silver plated copper, solderde plated A - 55 ---- + 150 - 55 ---- + 150 IR 100 70 35 5 0 DB - 1 Plastic material has UL flammability classification Polarity symbols molded on body Weight: 0.016 ounces,0.45 grams Dimensions in millimeters 50 to 1000 Volts Reverse Voltage - SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Forward Current - 1.5 Ampere www.shunyegroup.com.cn |
Similar Part No. - DB154 |
|
Similar Description - DB154 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |