Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U30C40C Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # U30C40C
Description  30 Ampere Heatsink Dual Common Cathode Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U30C40C Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  U30C40C Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U30C40C Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
30.0
5
300
1.3
1.7
0.98
35-60
100
150
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 15.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Temperature Range
(1) Reverse recovery test conditions IF = 0 5A IR = 1 0A Irr = 0.25A.
(2) Thermal Resistance junction to terminal.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
U30C20C
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
U30C40C
U30C60C
Rev.07C
.
.
®
U30C20C thru U30C60C
Pb Free Plating Product
U30C20C/U30C40C/U30C60C
30 Ampere Heatsink Dual Common Cathode Fast Recovery Half Bridge Rectifiers
Pb
Features
Low forward voltage drop
High current capability
Case: Heatsink TO-220AB
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,Motor Control and UPS
Car Audio Amplifiers and Sound Device Systems
Latest P/G technology with super fast recovery time
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB
Unit : inch (mm)
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Suffix "C"
Case
Series
Tandem Polarity
Suffix "A"
Suffix "S"
Doubler
Tandem Polarity
Suffix "D"


Similar Part No. - U30C40C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U30C40C THINKISEMI-U30C40C Datasheet
875Kb / 2P
   30 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - U30C40C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR3040CT THINKISEMI-MUR3040CT Datasheet
807Kb / 2P
   30 Ampere Heatsink Common Cathode Fast Recovery Half Bridge Rectifiers
ESAC25-02C THINKISEMI-ESAC25-02C Datasheet
694Kb / 2P
   10 Ampere Heatsink Dual Common Cathode Fast Recovery Half Bridge Rectifiers
SF304C THINKISEMI-SF304C Datasheet
731Kb / 2P
   30 Ampere Dual Common Cathode Fast Recovery Half Bridge Rectifiers
FEP30BP THINKISEMI-FEP30BP Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
MUR3020PT THINKISEMI-MUR3020PT_04 Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
U30C20A THINKISEMI-U30C20A Datasheet
830Kb / 2P
   30 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
MUR3020CTR THINKISEMI-MUR3020CTR Datasheet
926Kb / 2P
   30 Ampere Heatsink Dual Common Anode Fast Recovery Half Bridge Rectifiers
ESAD39-02C THINKISEMI-ESAD39-02C Datasheet
717Kb / 2P
   10 Ampere Heatsink Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
MURF3020CT THINKISEMI-MURF3020CT Datasheet
779Kb / 2P
   30 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
TUR3020CTG THINKISEMI-TUR3020CTG Datasheet
875Kb / 2P
   30 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com