Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG3060 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # RHRG3060
Description  30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

RHRG3060 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  RHRG3060 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. RHRG3060 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. RHRG3060 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-247-2L/TO-247-2PIN
®
RHRG3060
Pb Free Plating Product
RHRG3060
30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
Pb
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/3
Internal Configuration
Cathode(Bottom Side Metal Heatsink)
Cathode
Anode
Base Backside
·
Ultrafast Recovery Time
·
Soft Recovery Characteristics
·
Low Recovery Loss
·
Low Forward Voltage
·
High Surge Current Capability
·
Low Leakage Current
APPLICATION
GENERAL DESCRIPTION
· Freewheeling, Snubber, Clamp
· Inversion Welder
· PFC
· Plating Power Supply
· Ultrasonic Cleaner and Welder
· Converter & Chopper
· UPS
PRODUCT FEATURE
RHRG3060 using the lastest FRED FAB process(planar passivation pellet) with ultrafast and soft recovery characteristics.
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
VR
Maximum D.C. Reverse Voltage
600
V
VRRM
Maximum Repetitive Reverse Voltage
600
V
IF(AV)
Average Forward Current
TC=110°C, Per Diode
30
A
IF(RMS)
RMS Forward Current
TC=110°C, Per Diode
42
A
IFSM
Non-Repetitive Surge Forward Current
TJ=45°C, t=10ms, 50Hz, Sine
300
A
PD
Power Dissipation
156
W
TJ
Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +150
°C
Torque
Module-to-Sink
Recommended(M3)
1.1
N·m
RθJC
Thermal Resistance
Junction-to-Case
0.8
°C /W
Weight
6.0
g
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VR=600V
--
--
15
µA
IRM
Reverse Leakage Current
VR=600V, TJ=125°C
--
--
250
µA
IF=30A
--
2.0
--
V
VF
Forward Voltage
IF=30A, TJ=125°C
--
1.65
--
V
trr
Reverse Recovery Time
IF=1A, VR=30V, diF/dt=-200A/μs
--
22
--
ns
trr
Reverse Recovery Time
--
35
--
ns
IRRM
Max. Reverse Recovery Current
VR=300V, IF=30A
diF/dt=-200A/μs, TJ=25°C
--
2.5
--
A
trr
Reverse Recovery Time
--
110
--
ns
IRRM
Max. Reverse Recovery Current
VR=300V, IF=30A
diF/dt=-200A/μs, TJ=125°C
--
7.0
--
A
Rev.07C


Similar Part No. - RHRG3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG3060 FAIRCHILD-RHRG3060 Datasheet
342Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRG3060 INTERSIL-RHRG3060 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRG3060 FAIRCHILD-RHRG3060 Datasheet
398Kb / 6P
   30A, 600V Hyperfast Rectifier
logo
Inchange Semiconductor ...
RHRG3060 ISC-RHRG3060 Datasheet
227Kb / 2P
   Ultra fast Rectifier
logo
ON Semiconductor
RHRG3060-F085 ONSEMI-RHRG3060-F085 Datasheet
5Mb / 7P
   Hyperfast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
More results

Similar Description - RHRG3060

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
RURG3060 THINKISEMI-RURG3060 Datasheet
1Mb / 3P
   30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
UPA3060S THINKISEMI-UPA3060S Datasheet
1Mb / 3P
   30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
RHRP30120 THINKISEMI-RHRP30120 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
MM30F120B THINKISEMI-MM30F120B Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
RHRP3060 THINKISEMI-RHRP3060 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
30EPH06 THINKISEMI-30EPH06 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
R3060G2 THINKISEMI-R3060G2 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
R30120G2 THINKISEMI-R30120G2 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
SF30A60U THINKISEMI-SF30A60U Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
IQBD30E120A1 THINKISEMI-IQBD30E120A1 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com