Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5096P-SD-F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T5096P-SD-F
Description  Silicon NPN Phototransistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T5096P-SD-F Datasheet(HTML) 2 Page - Vishay Siliconix

  T5096P-SD-F Datasheet HTML 1Page - Vishay Siliconix T5096P-SD-F Datasheet HTML 2Page - Vishay Siliconix T5096P-SD-F Datasheet HTML 3Page - Vishay Siliconix T5096P-SD-F Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T5096P
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 05-Nov-14
2
Document Number: 84190
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The measurements are based on samples of die which are mounted on a TO-header without resin coating
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Relative Spectral Sensitivity vs. Wavelength
Fig. 2 - Collector Emitter Capacitance vs. Collector Emitter Voltage
Note
• All products are checked in accordance with the Vishay Semiconductor, specification of visual inspection FVOV6870.
The visual inspection shall be made in accordance with the “specification of visual inspection as referenced”. The visual inspection of wafer
backside is performed with stereo microscope with incident light and 40x to 80x magnification.
The quality inspection (final visual inspection) is performed by production. An additional visual inspection step as special release procedure
by QM is not installed.
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector emitter breakdown voltage
E = 0 mW/cm2; IC = 10 μA
V(BR)CEO
85
V
Collector emitter dark current
VCE = 50 V, E = 0 lx
ICEO
< 1
50
nA
Wavelength of peak sensitivity
λp
910
nm
Range of spectral bandwidth
λ0.1
480 to 1080
nm
λ - Wavelength (nm)
21703
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
400
500
600
700
800
900
1000
1100
0
5
6
7
8
0.1
1
10
100
V
CE - Collector Emitter Voltage (V)
f = 1 MHz
1
2
3
4
MECHANICAL DIMENSIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Length of chip edge (x-direction)
Lx
0.39
mm
Length of chip edge (y-direction)
Ly
0.39
mm
Die height
H
0.170
0.185
0.200
mm
Bond pad emitter
d
Ø 0.10 (bonding area)
mm
ADDITIONAL INFORMATION
Frontside metallization, emitter
AlSi 1.2 μm
Backside metallization, collector
AuSb 0.4 μm
Dicing
Sawing
Die bonding technology
Epoxy bonding


Similar Part No. - T5096P-SD-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T5096P-SD-F VISHAY-T5096P-SD-F Datasheet
102Kb / 4P
   Silicon NPN Phototransistor
01-Jan-2022
More results

Similar Description - T5096P-SD-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com