Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1120P-SD-F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T1120P-SD-F
Description  Silicon PIN Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T1120P-SD-F Datasheet(HTML) 1 Page - Vishay Siliconix

  T1120P-SD-F Datasheet HTML 1Page - Vishay Siliconix T1120P-SD-F Datasheet HTML 2Page - Vishay Siliconix T1120P-SD-F Datasheet HTML 3Page - Vishay Siliconix T1120P-SD-F Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T1120P
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 07-Dec-15
1
Document Number: 81121
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Silicon PIN Photodiode
DESCRIPTION
T1120P is a high speed and high sensitive PIN photodiode
chip with 4.4 mm2 sensitive area detecting visible and near
infrared radiation. Anode is the bond pad on top.
FEATURES
• Package type: chip
• Package form: single chip
• Dimensions (L x W x H in mm): 2.37 x 2.37 x 0.28
• Radiant sensitive area (in mm2): 4.4
• High photo sensitivity
• High radiant sensitivity
• Suitable for visible and near infrared radiation
• Fast response times
• Angle of half sensitivity:
ϕ = ± 60°
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• High speed photo detector
GENERAL INFORMATION
The datasheet is based on Vishay optoelectronics sample testing under certain predetermined and assumed conditions, and is
provided for illustration purpose only. Customers are encouraged to perform testing in actual proposed packaged and used
conditions. Vishay optoelectronics die products are tested using Vishay optoelectronics based quality assurance procedures
and are manufactured using Vishay optoelectronics established processes. Estimates such as those described and set forth in
this datasheet for semiconductor die will vary depending on a number of packaging, handling, use, and other factors. Therefore
sold die may not perform on an equivalent basis to standard package products.
Note
• Test conditions see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
21678
A
PRODUCT SUMMARY
COMPONENT
Ira (μA)
ϕ (deg)
λ0.1 (nm)
T1120P
35
± 60
430 to 1100
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
T1120P-SD-F
Wafer sawn on foil with discoframe
MOQ: 5000 pcs
Chip
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
60
V
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg1
-40 to +100
°C
Storage temperature range on foil
Tstg2
-40 to +50
°C


Similar Part No. - T1120P-SD-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T1120P-SD-F VISHAY-T1120P-SD-F Datasheet
85Kb / 5P
   Silicon PIN Photodiode
Rev. 1.3, 23-Mar-11
More results

Similar Description - T1120P-SD-F

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com