Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD431000ACZ-85LL Datasheet(PDF) 1 Page - NEC

Part # UPD431000ACZ-85LL
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD431000ACZ-85LL Datasheet(HTML) 1 Page - NEC

  UPD431000ACZ-85LL Datasheet HTML 1Page - NEC UPD431000ACZ-85LL Datasheet HTML 2Page - NEC UPD431000ACZ-85LL Datasheet HTML 3Page - NEC UPD431000ACZ-85LL Datasheet HTML 4Page - NEC UPD431000ACZ-85LL Datasheet HTML 5Page - NEC UPD431000ACZ-85LL Datasheet HTML 6Page - NEC UPD431000ACZ-85LL Datasheet HTML 7Page - NEC UPD431000ACZ-85LL Datasheet HTML 8Page - NEC UPD431000ACZ-85LL Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1990, 1993, 1995
MOS INTEGRATED CIRCUIT
µPD431000A
1M-BIT CMOS STATIC RAM
128K-WORD BY 8-BIT
DATA SHEET
Document No. M11657EJBV0DS00 (11th edition)
Date Published April 2002 NS CP (K)
Printed in Japan
The mark 5 shows major revised points.
Description
The
µPD431000A is a high speed, low power, and 1,048,576 bits (131,072 words by 8 bits) CMOS static RAM.
The
µPD431000A has two chip enable pins (/CE1, CE2) to extend the capacity. And battery backup is available. In
addition to this, A and B versions are low voltage operations.
The
µPD431000A is packed in 32-pin PLASTIC DIP, 32-pin PLASTIC SOP and 32-pin PLASTIC TSOP (I) (8 × 13.4
mm) and (8 × 20 mm).
Features
• 131,072 words by 8 bits organization
• Fast access time: 70, 85, 100, 120, 150 ns (MAX.)
• Low voltage operation (A version: VCC = 3.0 to 5.5 V, B version: VCC = 2.7 to 5.5 V)
• Operating ambient temperature: TA = 0 to 70 °C
• Low VCC data retention: 2.0 V (MIN.)
• Output Enable input for easy application
• Two Chip Enable inputs: /CE1, CE2
Part number
Access time
Operating supply Operating ambient
Supply current
ns (MAX.)
voltage
temperature
At operating
At standby
At data retention
V
°C
mA (MAX.)
µA (MAX.)
µA (MAX.)
Note1
µPD431000A-xxL
70, 85
4.5 to 5.5
0 to 70
70
100
15
µPD431000A-xxLL
20
3
µPD431000A-Axx
70
Note2, 100
3.0 to 5.5
35
Note3
13
Note5
µPD431000A-Bxx
70
Note2, 100, 120, 150
2.7 to 5.5
30
Note4
11
Note6
Notes 1. TA
≤ 40 °C
2. VCC = 4.5 to 5.5 V
3. 70 mA (VCC > 3.6 V)
4. 70 mA (VCC > 3.3 V)
5. 20
µA (VCC > 3.6 V)
6. 20
µA (VCC > 3.3 V)


Similar Part No. - UPD431000ACZ-85LL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD431000A NEC-UPD431000A Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
UPD431000A RENESAS-UPD431000A Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
UPD431000A-AXX RENESAS-UPD431000A-AXX Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
UPD431000A-AXXX RENESAS-UPD431000A-AXXX Datasheet
772Kb / 26P
   MOS INTEGRATED CIRCUIT
1995
UPD431000A-BXX RENESAS-UPD431000A-BXX Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD431000ACZ-85LL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Toshiba Semiconductor
TC55V1001AFI TOSHIBA-TC55V1001AFI Datasheet
566Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ Datasheet
361Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ_V01 Datasheet
374Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
1996-06-14
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com