Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHB108 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SHB108
Description  PICMG 1.3 Full-size CPU Card with LGA1155 Intel Core i7/i5/i3 & Xeon
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SHB108 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SHB108_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
218
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
MIO
1 x FDD
1 x PS/2 keyboard & mouse
1 x LPT; with SPP/EPP/ECP supported
1 x RS-232/422/485 (COM 1)
1 x RS-232 (COM 2)
SATA
2 x SATA-600
4 x SATA-300 with RAID 0/1/10/5
Hardware Monitoring
Supports CPU/System temperature, CPU/System voltage,
and CPU/System Smart Fan features
Ethernet
1st port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM, iAMT with Intel® 82579LM
2nd port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® 82574L
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker-out
with Realtek ALC662
USB
14 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
TPM
Infineon SLB9635 for trusted platform
Standard
SHB108VGGA
(P/N: E38C108100)
PICMG 1.3 full-size CPU card with LGA1155 socket, VGA,
2 GbE LANs and audio, BIOS x4
SHB108PGGA
(P/N: E38C108101)
PICMG 1.3 Full-size CPU card with LGA1155 socket,
DisplayPort, 2 GbE LANs and audio, BIOS x4
Optional
59384500100E
Audio cable w/ bracket, P=2.0 mm, L=450 mm
5938A808010E
2 x USB cable with bracket, P=2.54 mm, L=190 mm
593836A0030E
4-pin power cable to SATA x 2, L=150 mm
59380000290E
PS/2 keyboard and mouse cable with bracket
E9B900C000
LGA1156 cooler 4-pin H=61.4 mm
50761222000E
LGA1156 2U cooler 3pin H=68.8 mm
* Discrete graphic card is necessary for display if the chosen CPU doesn't have
integrated graphics support.
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59380502000E
COM + Print cable w/ bracket
1
593826A0000E
SATA signal cable 500 mm
1
CPU
LGA1155 socket Intel® Core™ i7/i5/i3 and Xeon®
processor
System Memory
2 x 240-pin DDR3-1066/1333 DIMM, up to 16GB
Chipset
Intel® C206
BIOS
AMI UEFI BIOS
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCIe x16 graphics port supports for SDVO or PCIe x1
devices
4 x PCIe lanes support 1 PCIe x4 or 4 PCIe x1 I/O devices
4 x 32-bit PCI bus masters
Battery Lithium
3V/220mAH
Power Requirements
Intel® Xeon® E3-1275 @ 3.4 GHz, 1 GB DDR3
+5V SBY @ 0.1A, +3.3V @ 0.7A, +5V @ 0.95A,
+12V @ 2.23A, -12V @ 17mA
Size
338 x 126 mm
BoardThickness
1.6 mm
Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Chipset
Intel® HD graphics
Memory Size
Max. up to 352MB frame buffer dedicated
memory
Display Interface
1 x VGA
1 x DisplayPort (optional)
DDR3 DIMM
LGA1155
SATA-600
Internal K/B+M/S
SATA-300
FDD
LPT
Ethernet
VGA/DisplayPort
USB
COM 1/2
I/O
Ordering Information
Packing List
Core System
Display
DDR3
DDR3
DDR3
SHB108
PICMG 1.3 Full-size CPU Card with LGA1155 Intel® Core™ i7/i5/i3 & Xeon®
Processor, Intel® C206, VGA, Dual LANs, Audio and ECC Memory
Features
LGA1155 socket Intel® Core™ i7/i5/i3 and Xeon®
processor
Intel® C206 chipset
2 DDR3-1066/1333 DIMM, up to 16GB
Intel® AMT 7.0 & TPM supported
SATA-600 supported
PCIe Gen. 2 at 5GT/s supported
Supports ECC memory


Similar Part No. - SHB108_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB108 AXIOMTEK-SHB108_14 Datasheet
179Kb / 2P
   2 DDR3-1066/1333 DIMM support up to 16 GB memory
SHB108 AXIOMTEK-SHB108_16 Datasheet
213Kb / 1P
   2 DDR3-1066/1333 DIMM support up to 16 GB memory capacity
More results

Similar Description - SHB108_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB106 AXIOMTEK-SHB106_17 Datasheet
170Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1155 Intel Core i7/i5/i3 Processor
SHB120 AXIOMTEK-SHB120_17 Datasheet
189Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1155 3rd Gen Intel Core i7/i5/i3 Processor
SBC81210 AXIOMTEK-SBC81210_17 Datasheet
221Kb / 1P
   PICMG 1.0 Full-size CPU Card with LGA1155 Intel Core i7/i5/i3 Processor
SHB111 AXIOMTEK-SHB111_17 Datasheet
174Kb / 1P
   PICMG 1.3 Full-size CPU Card with Socket G Intel Core i7/i5/i3 & Celeron
SHB130 AXIOMTEK-SHB130_17 Datasheet
234Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1150 4th Gen Intel Core i7/i5/i3 Processor
SHB230 AXIOMTEK-SHB230_17 Datasheet
250Kb / 1P
   PICMG 1.3 Half-size CPU Card with LGA1150 4th Gen Intel Core i7/i5/i3
SHB213 AXIOMTEK-SHB213_17 Datasheet
190Kb / 1P
   PICMG 1.3 Half-size CPU Card with Socket G2 2nd Gen Intel Core i7/i5/i3
logo
Adlink Technology Inc.
NUPRO-E42 ADLINK-NUPRO-E42 Datasheet
396Kb / 1P
   PICMG 1.3 Full-Size LGA1150 Intel Core i7/i5/i3/Pentium Processor-based SHB
logo
List of Unclassifed Man...
IMB-770 ETC2-IMB-770 Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
IMB-171-L ETC2-IMB-171-L Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com