Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM881 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM881
Description  COM Express Type 6 Compact Module with 5th/4th Gen Intel Core i7/i5/i3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM881 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM881_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
83
* All specifications and photos are subject to change without notice.
Chipset
Intel® HD Graphics Gen 8
Gfx APIs-DX11.1, OGL 4.2
3 independent displays
Display Interface
1 x LVDS; 18/24-bit single/dual channel
2 x DDI (DP, HDMI, DVI)
CPU
5th/4th generation Intel® Core™ i7/i5/i3 & Celeron®
processor (Broadwell/Haswell)
System Memory
1st bank as onboard extended temperature non-ECC DDR3L
up to 4GB (optional)
2nd bank as non-ECC DDR3L SO-DIMM, up to 8GB
Chipset
SoC integrated
BIOS
AMI uEFI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec. or min.
Expansion Interface
4 lanes of PCIe
Battery Lithium
N/A
Power Input
ATX: +12V, +5VSB
AT: +12V
Size
95 x 95 mm
Board Thickness
2.0 mm
Temperature
-40ºC ~ +85ºC (-40ºF ~ +185ºF), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x LPC interface
1 x SPI interface
2 x TX/RX UARTs
1 x I
2C interface
SATA
4 x SATA-600
Intel® Rapid Start Technology
Intel® Smart Response Technology
Hardware Monitoring
Yes
Ethernet
1 port as 10/100/1000Mbps supports Wake-on-LAN and
PXE Boot ROM with Intel® i218LM
Audio
HD link interface to baseboard for Codec
USB
2 x USB 3.0
6 x USB 2.0
TPM
ST for trusted platform
SMBus
Yes
Digital I/O
4 channels IN & 4 channels OUT
Standard
CEM881PG-i7-4650U
(P/N: E38D881108)
COM Express Type 6 module with Intel® Core™ i7-4650U
1.7 GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM881PG-i5-4300U
(P/N: E38D881109)
COM Express Type 6 module with Intel® Core™ i5-4300U
1.9 GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM881PG-i3-4010U
(P/N: E38D881110)
COM Express Type 6 module with Intel® Core™ i3-4010U
1.7 GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM881PG-CEL-2980U
(P/N: E38D881111)
COM Express Type 6 module with Intel® Celeron® 2980U
1.6 GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM881PG-i7-5650U
(P/N: E38D881112)
COM Express Type 6 module with Intel® Core™ i7-5650U
2.2 GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM881PG-i5-5350U
(P/N: E38D881113)
COM Express Type 6 module with Intel® Core™ i7-5350U
1.8 GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
CEM881PG-i3-5010U
(P/N: E38D881114)
COM Express Type 6 module with Intel® Core™ i3-5010U
2.1 GHz, DDI/LVDS, GbE LAN, USB 3.0 and TPM
Optional
CEM94006
(P/N: E394006100)
ATX from factor Type 6 evaluation board
5078D881000E
Low profile heatsink (L=95 mm, W=95 mm, H=20 mm)
5078D881100E
Heatspreader for CEM881 (L=95 mm, W=95 mm, H=11 mm)
5078D881210E
CEM881 BDW low profile heatsink w/fan
(L=95 mm, W=95 mm, H=20 mm)
5078D881310E
CEM881 BDW heatspreader
(L=95 mm, W=95 mm, H=11 mm)
I/O
Packing List
Core System
Quick installation guide, user’s manual/utility CD
Display
On-board DDR3L (optional)
5th Generation Intel
®
Core™ Processor
DDR3L
SO-DIMM
Rear view
COM Express
interface connector
Ordering Information
DDR3L
DDR3L
DDR3L
USB 3.0
USB
USB
TripleView
Full Solid
Cap Design
AiRD
Ext. Temp
Low Power
CEM881
COM Express Type 6 Compact Module with 5th/4th Gen Intel® Core™ i7/i5/i3 &
Celeron® Processor
Features
5th/4th gen Intel® Core™ i7/i5/i3 & Celeron® processor
(Broadwell/Haswell)
Onboard 4GB DDR3L (optional) and one SO-DIMM up to 8GB
Max. up to 4 lanes of PCIe
4 SATA-600 ports
6 USB 2.0 and 2 USB 3.0
TPM support
LVDS and two DDI (DisplayPort/HDMI/DVI) with triple-view
supported


Similar Part No. - CEM881_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM881 AXIOMTEK-CEM881_16 Datasheet
226Kb / 1P
   Onboard 4 GB DDR3L and one SO-DIMM up to 8 GB
More results

Similar Description - CEM881_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM880 AXIOMTEK-CEM880_17 Datasheet
238Kb / 1P
   COM Express Type 6 Module with 5th Gen Intel Core i7 & 4th Inte Core i7/i5/i3 & Celeron짰 Processor and Intel QM87
CEM511 AXIOMTEK-CEM511 Datasheet
255Kb / 1P
   COM Express Type 6 Module with 7th Gen Intel Core i7/i5/i3 Processor
CEM881 AXIOMTEK-CEM881 Datasheet
153Kb / 1P
   5th/4th Generation Intel Core COM Express Type 6 Compact Module
CEM860 AXIOMTEK-CEM860_17 Datasheet
267Kb / 1P
   COM Express Type 6 Module with Intel Core i7/i5/i3 and Intel QM67
CAPA881 AXIOMTEK-CAPA881_17 Datasheet
321Kb / 1P
   4th/5th generation Intel Core i7/i5/i3 & Celeron
CEM501 AXIOMTEK-CEM501_17 Datasheet
245Kb / 1P
   COM Express Type 6 Module with 6th Gen Intel Core i7/i5/i3 and Celeron Processor
logo
Advantech Co., Ltd.
SOM-6896_15 ADVANTECH-SOM-6896_15_12 Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
logo
Axiomtek Co., Ltd.
PICO880 AXIOMTEK-PICO880_17 Datasheet
232Kb / 1P
   Pico-ITX SBC with 4th/5th Gen Intel Core i7/i5/i3 & Celeron Processor
logo
DFI Inc
HU968 DFI-HU968 Datasheet
1Mb / 2P
   4th Gen Intel Core COM Express Compact
logo
Axiomtek Co., Ltd.
CEM500 AXIOMTEK-CEM500_17 Datasheet
307Kb / 1P
   COM Express Type 6 Module with Intel Xeon and 6th Gen Intel짰 Core i7/i5/i3 Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com