Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL120N10G Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # MSL120N10G
Description  N-Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MSL120N10G Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  MSL120N10G Datasheet HTML 1Page - Chip Integration Technology Corporation MSL120N10G Datasheet HTML 2Page - Chip Integration Technology Corporation MSL120N10G Datasheet HTML 3Page - Chip Integration Technology Corporation MSL120N10G Datasheet HTML 4Page - Chip Integration Technology Corporation MSL120N10G Datasheet HTML 5Page - Chip Integration Technology Corporation MSL120N10G Datasheet HTML 6Page - Chip Integration Technology Corporation MSL120N10G Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
O
■ Electrical characteristics(T = 25 C unless otherwise specified)
A
PARAMETER
Gate to source Leakage Current
Input Capacitance
Output Capacitance
Drain to Source Breakdown Voltage
Zero Gate Voltage Drain Current
Reverse Transfer Capacitance
Diode Forward Voltage
Reverse Recovery Time
Total Gate Charge
Reverse Recovery Charge
Gate Threshold Voltage
PARAMETER
PARAMETER
■ Dynamic Characteristics(note:5)
■ Reverse Diode Characteristics
V
= 0V, I = 250µA
G S
D
CONDITIONS
Symbol
V
( B R ) D S S
I
D S S
MIN.
100
TYP.
MAX.
UNIT
V
nA
uA
I
G S S
12
±100
100
1
1.9
V
= 0V, V
= 100V, T = 25°C
G S
D S
J
V
= 0V, V
= 100V, T = 100°C
G S
D S
J
V
= ±20V, V
= 0V
G S
D S
C
o s s
C
r s s
pF
C
i s s
7.9
162
2275
V
= 0V, V
= 50V, f = 1MHz
G S
D S
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
V
Q
r r
V
S D
157
33
0.9
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Q (10V)
g
V
= V , I = 250µA
G S
D S
D
V
G S ( t h )
1.4
2.4
Drain-Source On Resistance(note:4)
V
= 10V, I = 12A
G S
D
V
= 4.5V, I = 10A
G S
D
R
D S ( o n )
9.5
15
11.5
V
= 0V, I = 12A
G S
F
1.2
V = 50V, I = 12A, dI /dt = 500A/μs
R
F
F
t
r r
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
V
= 50V, I = 14A, V =10V, R = 10Ω
D D
D
G S
G
ns
8
3
26
4
Gate-Source Charge
Gate-Drain Charge
V
= 50V, I =14A V =10V,
D S
D
G S
Q
g s
Q
g d
29
5
5
nC
mΩ
ns
t
d ( o n )
t
r
t
d ( o ff )
t
f
Total Gate Charge
Q (4.5V)
g
14
MSL120N10G
N-Channel Enhancement Mode MOSFET
Transconductance
Gate resistance
V
= 5V, I = 12A
D S
D
V
= 0V, V
open, f=1MHz
G S
D S
g
f S
R
G
S
45
1.5
■ Static characteristics
Document ID : DS-22M83
Revised Date : 2016/03/07
Revision : C


Similar Part No. - MSL120N10G

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MSL120N06G CITC-MSL120N06G Datasheet
745Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - MSL120N10G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com