Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL120N06G Datasheet(PDF) 4 Page - Chip Integration Technology Corporation

Part # MSL120N06G
Description  N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MSL120N06G Datasheet(HTML) 4 Page - Chip Integration Technology Corporation

  MSL120N06G Datasheet HTML 1Page - Chip Integration Technology Corporation MSL120N06G Datasheet HTML 2Page - Chip Integration Technology Corporation MSL120N06G Datasheet HTML 3Page - Chip Integration Technology Corporation MSL120N06G Datasheet HTML 4Page - Chip Integration Technology Corporation MSL120N06G Datasheet HTML 5Page - Chip Integration Technology Corporation MSL120N06G Datasheet HTML 6Page - Chip Integration Technology Corporation MSL120N06G Datasheet HTML 7Page - Chip Integration Technology Corporation MSL120N06G Datasheet HTML 8Page - Chip Integration Technology Corporation MSL120N06G Datasheet HTML 9Page - Chip Integration Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
■ Rating and characteristic curves
MSL120N06G
N-Channel Enhancement Mode MOSFET
VDS - Drain - Source Voltage (V)
Drain-Source On Resistance
ID- Drain Current (A)
Gate-Source On Resistance
VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
2.5V
3V
2.8V
V
GS
=4,5,6,7,8,9,10V
0
10
20
30
40
50
0
4
8
12
16
20
24
V
GS
=4.5V
V
GS
=10V
2
3
4
5
6
7
8
9
10
5
10
15
20
25
30
35
I
DS
=10A
-50 -25
0
25
50
75
100 125 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
DS
=250mA
Output Characteristics
Document ID : DS-22M68
Revised Date : 2016/08
Revision : C1


Similar Part No. - MSL120N06G

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MSL120N10G CITC-MSL120N10G Datasheet
1Mb / 7P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - MSL120N06G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com