Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL049P03G Datasheet(PDF) 5 Page - Chip Integration Technology Corporation

Part # MSL049P03G
Description  P-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MSL049P03G Datasheet(HTML) 5 Page - Chip Integration Technology Corporation

  MSL049P03G Datasheet HTML 1Page - Chip Integration Technology Corporation MSL049P03G Datasheet HTML 2Page - Chip Integration Technology Corporation MSL049P03G Datasheet HTML 3Page - Chip Integration Technology Corporation MSL049P03G Datasheet HTML 4Page - Chip Integration Technology Corporation MSL049P03G Datasheet HTML 5Page - Chip Integration Technology Corporation MSL049P03G Datasheet HTML 6Page - Chip Integration Technology Corporation MSL049P03G Datasheet HTML 7Page - Chip Integration Technology Corporation MSL049P03G Datasheet HTML 8Page - Chip Integration Technology Corporation MSL049P03G Datasheet HTML 9Page - Chip Integration Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
■ Rating and characteristic curves
Drain-Source On Resistance
Tj - Junction Temperature (°C)
-VSD- Source - Drain Voltage (V)
Source-Drain Diod e Forward
-VDS - Drain-Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
MSL049P03G
P-Channel Enhancement Mode MOSFET
-50
-25
0
25
50
75
100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
R
ON
@T
j
=25
oC: 3.9mW
V
GS
= -10V
I
DS
= -23.8A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
T
j
=150
oC
T
j
=25
oC
0
5
10
15
20
25
30
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
Frequency=1MHz
Crss
Coss
Ciss
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
9
10
V
DS
=-15V
I
DS
=-23.8A
Document ID : DS-22M73
Revised Date : 2016/08
Revision : C1


Similar Part No. - MSL049P03G

ManufacturerPart #DatasheetDescription
logo
Rohm
MSL0401RGBW ROHM-MSL0401RGBW Datasheet
1Mb / 3P
   Ensures excellent color mixing
MSL0402RGB ROHM-MSL0402RGB Datasheet
425Kb / 11P
   Small and high Brightness RGB LED
MSL0402RGBU ROHM-MSL0402RGBU Datasheet
425Kb / 11P
   Small and high Brightness RGB LED
More results

Similar Description - MSL049P03G

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com