Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC372MFKB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372MFKB
Description  LIN CMOS DUAL DIFFERENTIAL COMPARATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC372MFKB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC372MFKB Datasheet HTML 3Page - Texas Instruments TLC372MFKB Datasheet HTML 4Page - Texas Instruments TLC372MFKB Datasheet HTML 5Page - Texas Instruments TLC372MFKB Datasheet HTML 6Page - Texas Instruments TLC372MFKB Datasheet HTML 7Page - Texas Instruments TLC372MFKB Datasheet HTML 8Page - Texas Instruments TLC372MFKB Datasheet HTML 9Page - Texas Instruments TLC372MFKB Datasheet HTML 10Page - Texas Instruments TLC372MFKB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TLC372
LinCMOS DUAL DIFFERENTIAL COMPARATORS
SLCS114D − NOVEMBER 1983 − REVISED APRIL 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Response time is defined as the interval between the application of an input step function and the instant when the
output reaches 50% of its maximum value. Response time, low-to-high level output, is measured from the leading
edge of the input pulse, while response time, high-to-low level output, is measured from the trailing edge of the input
pulse. Response-time measurement at low input signal levels can be greatly affected by the input offset voltage. The
offset voltage should be balanced by the adjustment at the inverting input as shown in Figure 3, so that the circuit
is just at the transition point. Then a low signal, for example 105-mV or 5-mV overdrive, causes the output to change
state.
Low-to-High-
Level Output
DUT
5.1 k
1
µF
0.1
µF
1 k
50
CL
(see Note A)
VDD
Pulse
Generator
Input Offset Voltage
Compensation Adjustment
10
10 Turn
1 V
−1 V
Overdrive
Input
100 mV
Overdrive
Input
tf
tPHL
10%
50%
90%
90%
50%
tr
tPLH
High-to-Low-
Level Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
10%
100 mV
NOTE A: CL includes probe and jig capacitance.
Figure 3. Response, Rise, and Fall Times Circuit and Voltage Waveforms


Similar Part No. - TLC372MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372MFKB TI1-TLC372MFKB Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372MFKB TI-TLC372MFKB Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC372MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com