Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6039102 Datasheet(PDF) 5 Page - SICK AG

Part # 6039102
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6039102 Datasheet(HTML) 5 Page - SICK AG

  6039102 Datasheet HTML 1Page - SICK AG 6039102 Datasheet HTML 2Page - SICK AG 6039102 Datasheet HTML 3Page - SICK AG 6039102 Datasheet HTML 4Page - SICK AG 6039102 Datasheet HTML 5Page - SICK AG 6039102 Datasheet HTML 6Page - SICK AG 6039102 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WLL180T-F434 | WLL180T
FIBER-OPTIC SENSORS AND FIBERS
Connection diagram
Cd-140
+ (L+)*)
Ext. Input
- (M)*)
brn
blu
1
2
3
Q
blk
4
*) Only base unit
Dimensional drawing (Dimensions in mm (inch))
Expansion unit
51.9 (2.04)
9.2
(0.36)
37.3 (1.47)
3
(0.12)
68.9 (2.71)
3.6
(0.14)
3.6
(0.14)
~ 180°
Ø 4.2
(0.17)
18.8
(0.74)
27.8 (1.09)
10
(0.39)
7
(0.27)
55.4 (2.18)
1
2
3
4
4
5
6
10.5
(0.41)
9.2
(0.36)
①  Sender LED, installation of LL3 fibre-optic cable (sender fibre)
②  Receiver, installation of LL3 fibre optic cable (receiver fibre)
③  Protective hood opens approx. 180°
④  Connection
⑤  Mounting bracket, included with delivery
⑥  Bus connector
Recommended accessories
Other models and accessories
www.sick.com/WLL180T
Brief description
Type
Part no.
Mounting brackets and plates
BEF-WLL170
5306574
Mounting bracket, steel, zinc coated, without mounting hardware
BEF-WLL180
5325812
Other mounting accessories
Rail end piece for block mounting, Stainless steel, mounting hardware included
BF-EB01-W190
5313011
Cutter for fibers, supplied with LL3
FC
5304141
2017-04-06 17:11:29 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5


Similar Part No. - 6039102

ManufacturerPart #DatasheetDescription
logo
SICK AG
6039100 SICK-6039100 Datasheet
765Kb / 6P
   FIBER-OPTIC SENSORS AND FIBERS
6039101 SICK-6039101 Datasheet
940Kb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
6039104 SICK-6039104 Datasheet
942Kb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
6039105 SICK-6039105 Datasheet
848Kb / 7P
   PRESSURE SENSORS
6039106 SICK-6039106 Datasheet
849Kb / 7P
   PRESSURE SENSORS
More results

Similar Description - 6039102

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com