Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6033948 Datasheet(PDF) 4 Page - SICK AG

Part # 6033948
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6033948 Datasheet(HTML) 4 Page - SICK AG

  6033948 Datasheet HTML 1Page - SICK AG 6033948 Datasheet HTML 2Page - SICK AG 6033948 Datasheet HTML 3Page - SICK AG 6033948 Datasheet HTML 4Page - SICK AG 6033948 Datasheet HTML 5Page - SICK AG 6033948 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLL170T-2P132 | WLL170-2
FIBER-OPTIC SENSORS AND FIBERS
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Adjustments possible
WLL170T-2
TEACH
DLY
OFF
D. ON
L. ON
SET
RUN
OFF
6
7
8
9
ß
à
á
⑥  Indicating pin correctly inserted LL3 fiber
⑦  LED indicator orange: switching output active
⑧  LED signal strength indicator green, lights up, when light received< 0.9 or >1.1 (switching threshold = 1)
⑨  Teach-in button
⑩  Operating mode selector switch:"SET" (Teach-in mode) /"RUN" (sensor mode)
⑪  OFF delay selector switch: “OFF DLY” (on)/“OFF” (off), 40 ms fixed
⑫  Selector switch: "L.ON" ( light switching) /"D.ON" ( dark switching)
Connection diagram
Cd-093
+ (L+)
- (M)
Q
brn
blu
blk
Teach
wht
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-08-07 15:48:08
Subject to change without notice


Similar Part No. - 6033948

ManufacturerPart #DatasheetDescription
logo
SICK AG
6033949 SICK-6033949 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 6033948

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com