Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP0215ANAKG03 Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KP0215ANAKG03
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KP0215ANAKG03 Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  KP0215ANAKG03 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANAKG03 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANAKG03 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANAKG03 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANAKG03 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANAKG03 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANAKG03 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANAKG03 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Series KP
Miniature Audio/Video 4-Pin RGB Pushbuttons
www.nkkswitches.com
6
1
Used on A Plunger
AT3083
Flat Cap
F
CAP TYPES & COLORS
S
AT3086
Home Key Cap
T
AT3084
Flat Cap
F
AT3079
Sculptured Cap
S
AT3087
Home Key Cap
T
12.0mm Square
AT3078
Sculptured Cap
AT3085
Flat Cap
AT3080
Sculptured Cap
S
AT3088
Home Key Cap
T
2
15.0mm Square
F
3
17.4mm Square
Used on B Plunger
Used on B Plunger
(6.5)
.256
(12.0) Sq
.472
(7.0)
.276
(15.0) Sq
.591
(7.0)
.276
(17.4) Sq
.685
(7.0)
.276
(17.4) Sq
.685
(6.5)
.256
(12.0) Sq
.472
(2.6) Dia
.102
(7.0)
.276
(15.0) Sq
.591
(2.6) Dia
.102
(7.0)
.276
(17.4) Sq
.685
(2.6) Dia
.102
(6.5)
.256
(12.0) Sq
.472
(7.0)
.276
(15.0) Sq
.591
Clear Lens
White Diffuser
JB
Lens & Diffuser Colors Available:
Clear/White
Materials & Finishes: Lens - Polycarbonate with glossy finish
Diffuser - Polycarbonate with textured finish
Optional Protective Guard AT4170 available; contact factory.
RGB LED SPECIFICATIONS
Red
Green
Blue
Unit
Note: For applications that require
white illumination, contact factory.
Maximum Forward Current
I
FM
50
30
30
mA
Typical Forward Current
I
F
15
16
10
mA
*Forward Voltage
V
F
2.0
2.9
2.9
V
Power Peak Dissipation
P
D
100
80
80
mW
Maximum Reverse Voltage
V
RM
5
5
5
V
Dominant Wavelength
λ
d
620
525
467
nm
Current Reduction Rate Above 45°C
IF
0.75
0.25
**0.22
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
*Forward Voltage (V
F) and Dominant Wavelength (λd) are Typical Value measured by Typical Forward Current (IF).
**Current Reduction Rate (∆
IF) Above 40°C
Red
Green
Blue
Common
Anode (+)
RGBP
Color
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
The electrical specifications shown are determined at a basic temperature of 25°C. LEDs are an integral part of the switch and not available separately.
LED circuit is isolated and requires an external power source. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor
value can be calculated by using the formula shown here.
R =
E – VF
IF
Where: R
E
V
F
I
F
= Resistor Value (Ohms)
= Source Voltage (V)
= Forward Voltage (V)
= Forward Current (A)
VF
I F
R
+
E
Anode
Cathode


Similar Part No. - KP0215ANAKG03

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ANAKG03 NKK-KP0215ANAKG03 Datasheet
363Kb / 12P
   General Specifications
KP0215ANAKG036CF-1FJB NKK-KP0215ANAKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ANAKG036CF-1SJB NKK-KP0215ANAKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ANAKG036CF-1TJB NKK-KP0215ANAKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ANAKG036CF-2FJB NKK-KP0215ANAKG036CF-2FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP0215ANAKG03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com