Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1265-1.8VAT Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1265-1.8VAT
Description  800 mA Fixed-Output CMOS LDO with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265-1.8VAT Datasheet(HTML) 1 Page - Microchip Technology

  TC1265-1.8VAT Datasheet HTML 1Page - Microchip Technology TC1265-1.8VAT Datasheet HTML 2Page - Microchip Technology TC1265-1.8VAT Datasheet HTML 3Page - Microchip Technology TC1265-1.8VAT Datasheet HTML 4Page - Microchip Technology TC1265-1.8VAT Datasheet HTML 5Page - Microchip Technology TC1265-1.8VAT Datasheet HTML 6Page - Microchip Technology TC1265-1.8VAT Datasheet HTML 7Page - Microchip Technology TC1265-1.8VAT Datasheet HTML 8Page - Microchip Technology TC1265-1.8VAT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2004 Microchip Technology Inc.
DS21376C-page 1
TC1265
Features
• Very Low Dropout Voltage
• 800 mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Overcurrent and Overtemperature Protection
• SHDN Input for Active Power Management
• ERROR Output Can Be Used as a Low Battery
Detector (SOIC only)
Applications
• Battery-operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Typical Application
Description
The TC1265 is a fixed-output, high-accuracy (typically
±0.5%) CMOS low dropout regulator. Designed
specifically for battery-operated systems, the TC1265’s
CMOS construction eliminates wasted ground current,
significantly extending battery life. Total supply current
is typically 80 µA at full load (20 to 60 times lower than
in bipolar regulators).
Key features of the TC1265 include ultra low noise
operation, very low dropout voltage (typically 450 mV
at full load) and fast response to step changes in load.
The TC1265 incorporates both overtemperature and
overcurrent protection. The TC1265 is stable with an
output capacitor of only 1 µF and has a maximum
output current of 800 mA. It is available in 8-Pin SOIC,
5-Pin TO-220 and 5-Pin DDPAK packages.
Package Type
TC1265
VIN
VOUT
C1
1µF
GND
VOUT
VIN
SHDN
SHDN
+
Front View
12
3
Tab Is GND
TC1265
1
2
3
4
8
7
6
5
TC1265
NC
SHDN
8-Pin SOIC
GND
NC
BYPASS
VOUT
VIN
TC1265
5-Pin TO-220
Tab Is GND
5-Pin DDPAK
12 3 45
4 5
ERROR
800 mA Fixed-Output CMOS LDO with Shutdown


Similar Part No. - TC1265-1.8VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1265-1.8VAT MICROCHIP-TC1265-1.8VAT Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results

Similar Description - TC1265-1.8VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com