Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC8841 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC8841
Description  50mA Ultra-Low Quiescent Current LDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8841 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC8841 Datasheet HTML 1Page - E-CMOS Corporation EC8841 Datasheet HTML 2Page - E-CMOS Corporation EC8841 Datasheet HTML 3Page - E-CMOS Corporation EC8841 Datasheet HTML 4Page - E-CMOS Corporation EC8841 Datasheet HTML 5Page - E-CMOS Corporation EC8841 Datasheet HTML 6Page - E-CMOS Corporation EC8841 Datasheet HTML 7Page - E-CMOS Corporation EC8841 Datasheet HTML 8Page - E-CMOS Corporation EC8841 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EC8841
50mA Ultra-Low Quiescent Current LDO
Linear Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 12
3I03N Rev. P001
Pin T ype: SOT89:L/Y
N:Normal
R:Tape & Reel
Package Type:
B1=SOT23-3
B2=SOT23-5
B6= SOT89 3L
A6=TO92-3L
Output Voltage(exam):
VOUT = 1 .8 V= 18
VOUT = 2 . 8 V= 28
VOUT = 3 .3 V= 33
VOUT = 5 .0 V= 50
Ordering Information
EC8841
XX XX X R
Package Part Number
Marking
Marking Information
SOT23-3 EC8841XXB1NR
8841V
TTTTT
Product part : 8841
V is the output voltage of production.
Example:
8=1.5V;A=1.8V,K=2.8V;
M=3.0V;Q=3.3V.Z=5.0V
TTTTT:Lot No
SOT23-5 EC8841XXB2NR
8841V
TTTTT
SOT89
EC8841XXB6LR( Pin Type:L)
8841V
TTTTL
EC8841XXB6YR(Pin Type:Y)
8841V
TTTTY
TO92
EC8841XXA6NR
8841V
TTTTT
Pin Assignment & Pin Description
Pin Number
(SOT23-3)
Pin Name
Pin Description
1
GND
GND Pin
2
VOUT
Output Pin
3
VIN
Power Input
Pin Number
(SOT23-5)
Pin Name
Pin Description
1
GND
GND Pin
2
VIN
Power Input
3
VOUT
Output Pin
4
NC
No Connection
5
NC
No Connection
Circuit Type


Similar Part No. - EC8841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EC88 PHILIPS-EC88 Datasheet
17Kb / 2P
   U.H.F. TRIODE
January 1969
logo
E-CMOS Corporation
EC8803 E-CMOS-EC8803 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXA6NG1 E-CMOS-EC8803XXA6NG1 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXA6NG2 E-CMOS-EC8803XXA6NG2 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXB1CG1 E-CMOS-EC8803XXB1CG1 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
More results

Similar Description - EC8841

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Altera Corporation
EV1340QI-E ALTERA-EV1340QI-E Datasheet
805Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Infineon Technologies A...
IFX30081SJV INFINEON-IFX30081SJV_15 Datasheet
1Mb / 25P
   50mA, Adjustable Linear Voltage Regulator with Ultra Low Quiescent Current
Rev. 1.0, 2015-02-04
logo
ON Semiconductor
NCP702 ONSEMI-NCP702 Datasheet
1Mb / 20P
   Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com